전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTLV3251DRE4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74CBTLV3251DRE4
상세설명  LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3251DRE4 데이터시트(HTML) 3 Page - Texas Instruments

  SN74CBTLV3251DRE4 Datasheet HTML 1Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 2Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 3Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 4Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 5Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 6Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 7Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 8Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SN74CBTLV3251
LOW VOLTAGE 1OF8 FET MULTIPLEXER/DEMULTIPLEXER
SCDS054I − MARCH 1998 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
simplified schematic, each FET switch
A
(OE)
B
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IK (VI/O < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): DBQ package
90
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): DGV package
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): RGY package
39
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
3. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VIH
High-level control input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VIH
High-level control input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level control input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VIL
Low-level control input voltage
VCC = 2.7 V to 3.6 V
0.8
V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


유사한 부품 번호 - SN74CBTLV3251DRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV3251DRE4 TI-SN74CBTLV3251DRE4 Datasheet
380Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251DRE4 TI-SN74CBTLV3251DRE4 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - SN74CBTLV3251DRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBTLV3251 UTC-U74CBTLV3251 Datasheet
321Kb / 7P
   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
   1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com