전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTLV3251DRE4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74CBTLV3251DRE4
상세설명  LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3251DRE4 데이터시트(HTML) 4 Page - Texas Instruments

  SN74CBTLV3251DRE4 Datasheet HTML 1Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 2Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 3Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 4Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 5Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 6Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 7Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 8Page - Texas Instruments SN74CBTLV3251DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN74CBTLV3251
LOW VOLTAGE 1OF8 FET MULTIPLEXER/DEMULTIPLEXER
SCDS054I − MARCH 1998 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3 V,
II = −18 mA
−1.2
V
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
Ioff
VCC = 0,
VI or VO = 0 to 3.6 V
20
µA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
10
µA
∆ICC‡
Control inputs
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
300
µA
Ci
Control inputs
VI = 3 V or 0
3
pF
Cio(OFF)
A port
VO = 3 V or 0,
OE = VCC
40.5
pF
Cio(OFF)
B port
VO = 3 V or 0,
OE = VCC
6
pF
VCC = 2.3 V,
VI = 0
II = 64 mA
5
8
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 0
II = 24 mA
5
8
ron§
TYP at VCC = 2.5 V
VI = 1.7 V,
II = 15 mA
27
40
ron§
VI = 0
II = 64 mA
5
7
VCC = 3 V
VI = 0
II = 24 mA
5
7
VCC = 3 V
VI = 2.4 V,
II = 15 mA
10
15
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
§ Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd
A or B¶
B or A
0.15
0.25
ns
tpd
S
A
1
6.1
1
5.3
ns
ten
S
B
1
4.1
1
3.6
ns
tdis
S
B
1
3.5
1
3.3
ns
ten
OE
A or B
1
5.2
1
4.5
ns
tdis
OE
A or B
1
6.7
1
7.2
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


유사한 부품 번호 - SN74CBTLV3251DRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV3251DRE4 TI-SN74CBTLV3251DRE4 Datasheet
380Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251DRE4 TI-SN74CBTLV3251DRE4 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - SN74CBTLV3251DRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBTLV3251 UTC-U74CBTLV3251 Datasheet
321Kb / 7P
   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
   1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com