전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4812BDY 데이터시트(PDF) 9 Page - Vishay Siliconix

부품명 SI4812BDY
상세설명  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4812BDY 데이터시트(HTML) 9 Page - Vishay Siliconix

Back Button SI4812BDY Datasheet HTML 5Page - Vishay Siliconix SI4812BDY Datasheet HTML 6Page - Vishay Siliconix SI4812BDY Datasheet HTML 7Page - Vishay Siliconix SI4812BDY Datasheet HTML 8Page - Vishay Siliconix SI4812BDY Datasheet HTML 9Page - Vishay Siliconix SI4812BDY Datasheet HTML 10Page - Vishay Siliconix SI4812BDY Datasheet HTML 11Page - Vishay Siliconix SI4812BDY Datasheet HTML 12Page - Vishay Siliconix SI4812BDY Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S12-0628-Rev. C, 19-Mar-12
www.vishay.com
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: analogswitchtechsupport@vi-
ELECTRICAL CHARACTERISTICS
Start-up with VIN Ramping up
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Ch4: Vin (5V/div)
Ch2: Vout (500mV/div)
Ch3: Power Good (5V/div)
Ch1: Switching Node (5V/div)
Time: 10 ms/div
Over-Current Protection
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz )
Ch4: Iout (10A/div)
Ch2: Vout (1V/div)
Ch3: Power good (5V/div)
Ch1: Switching Node (10V/div)
Time: 10 ms/div
Efficiency with 12 VIN, 5 VOUT, 300 kHz
70
75
80
85
90
95
100
01234
5
6
7
I
OUT (A)
V
IN = 12 V, VOUT = 5 V, FSW = 300 kHz


유사한 부품 번호 - SI4812BDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4812BDY VISHAY-SI4812BDY Datasheet
251Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
SI4812BDY VISHAY-SI4812BDY Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
Si4812BDY VISHAY-Si4812BDY Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SI4812BDY VISHAY-SI4812BDY Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
SI4812BDY VISHAY-SI4812BDY Datasheet
187Kb / 8P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

유사한 설명 - SI4812BDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com