전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF740B 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 IRF740B
상세설명  400V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF740B 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  IRF740B Datasheet HTML 1Page - Fairchild Semiconductor IRF740B Datasheet HTML 2Page - Fairchild Semiconductor IRF740B Datasheet HTML 3Page - Fairchild Semiconductor IRF740B Datasheet HTML 4Page - Fairchild Semiconductor IRF740B Datasheet HTML 5Page - Fairchild Semiconductor IRF740B Datasheet HTML 6Page - Fairchild Semiconductor IRF740B Datasheet HTML 7Page - Fairchild Semiconductor IRF740B Datasheet HTML 8Page - Fairchild Semiconductor IRF740B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. A, November 2001
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2001 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 7.9mH, IAS = 10A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 10A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
400
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.4
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 400 V, VGS = 0 V
--
--
10
µA
VDS = 320 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 5.0 A
--
0.43
0.54
gFS
Forward Transconductance
VDS = 40 V, ID = 5.0 A
--
9.6
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1400
1800
pF
Coss
Output Capacitance
--
150
195
pF
Crss
Reverse Transfer Capacitance
--
35
45
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 200 V, ID = 10 A,
RG = 25 Ω
--
20
50
ns
tr
Turn-On Rise Time
--
80
170
ns
td(off)
Turn-Off Delay Time
--
125
260
ns
tf
Turn-Off Fall Time
--
85
180
ns
Qg
Total Gate Charge
VDS = 320 V, ID = 10 A,
VGS = 10 V
--
41
53
nC
Qgs
Gate-Source Charge
--
7
--
nC
Qgd
Gate-Drain Charge
--
17
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
10
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
40
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 10 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 10 A,
dIF / dt = 100 A/µs
--
330
--
ns
Qrr
Reverse Recovery Charge
--
3.57
--
µC


유사한 부품 번호 - IRF740B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRF740B VISHAY-IRF740B Datasheet
290Kb / 8P
   D Series Power MOSFET
Rev. B, 02-May-16
IRF740B VISHAY-IRF740B Datasheet
170Kb / 8P
   D Series Power MOSFET
01-Jan-2022
IRF740BPBF VISHAY-IRF740BPBF Datasheet
170Kb / 8P
   D Series Power MOSFET
01-Jan-2022
IRF740B VISHAY-IRF740B_V01 Datasheet
170Kb / 8P
   D Series Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRF740B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com