전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC5061AM26X 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 ILC5061AM26X
상세설명  Power Supply reset Monitor with 1% Precision
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5061AM26X 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  ILC5061AM26X Datasheet HTML 1Page - Fairchild Semiconductor ILC5061AM26X Datasheet HTML 2Page - Fairchild Semiconductor ILC5061AM26X Datasheet HTML 3Page - Fairchild Semiconductor ILC5061AM26X Datasheet HTML 4Page - Fairchild Semiconductor ILC5061AM26X Datasheet HTML 5Page - Fairchild Semiconductor ILC5061AM26X Datasheet HTML 6Page - Fairchild Semiconductor ILC5061AM26X Datasheet HTML 7Page - Fairchild Semiconductor ILC5061AM26X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Rev. 2.5 1/2/03
ILC5061
PRODUCT SPECIFICATION
Ordering Information
Typical Performance Characteristics (General conditions for all curves)
70
0
12
3
4
ILC5061
Output Voltage vs Output Current
OUTPUT VOLTAGE VOUT (V)
50
10
0
20
30
40
60
80
VIN = 4.0V
3.5V
3.0V
2.5V
2.0V
1.5V
0
0.2
0.4
0.6
0.8
ILC5061
Output Voltage vs Output Current
OUTPUT VOLTAGE VOUT (V)
0
200
400
600
800
VIN = 0.8V
VIN = 0.7V
0
2
4
6
8
ILC5061
ISS vs Input Voltage*
INPUT VOLTAGE VIN (V)
0
1.0
2.0
3.0
4.0
Topr = 80˚C
1
35
7
* A spike of 1/2 to 1
µA may appear as VIN crosses VDR or VDF
9
10
25˚C
-30˚C
0
1
2
3
4
ILC5061
Output Current vs Input Voltage
INPUT VOLTAGE VIN (V)
0
5
10
15
20
5
Topr = -30˚C
VDS = 0.5V
25˚C
80˚C


유사한 부품 번호 - ILC5061AM26X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5061AM-26 IMPALA-ILC5061AM-26 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-27 IMPALA-ILC5061AM-27 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-28 IMPALA-ILC5061AM-28 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-29 IMPALA-ILC5061AM-29 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-31 IMPALA-ILC5061AM-31 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
More results

유사한 설명 - ILC5061AM26X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
ADM709 AD-ADM709 Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com