전자부품 데이터시트 검색엔진 |
|
BU4335F-TR 데이터시트(PDF) 5 Page - Rohm |
|
BU4335F-TR 데이터시트(HTML) 5 Page - Rohm |
5 / 16 page Datasheet 5/13 BU42xx series BU43xx series TSZ02201-0R7R0G300050-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.006 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Electrical Characteristics (Unless Otherwise Specified Ta=-25 to 125°C) - continued Parameter Symbol Condition Limit Unit Min. Typ. Max. Leak Current when OFF Ileak VDD=VDS=7V Ta=-40 to 85°C - 0 0.1 µA VDD=VDS=7V Ta=85 to 125°C - 0 1 CT pin Threshold Voltage VCTH VDD=VDET×1.1, VDET=0.9 to 2.5V Ta=25°C RL=470kΩ VDD ×0.35 VDD ×0.45 VDD ×0.55 V VDD=VDET×1.1, VDET=2.6 to 4.8V Ta=25°C RL=470kΩ VDD ×0.40 VDD ×0.50 VDD ×0.60 Output Delay Resistance RCT VDD=VDET×1.1 VCT=0.5V Ta=25°C *1 9 10 11 MΩ CT pin Output Current ICT VCT=0.1V VDD=0.85V 5 40 - µA VCT=0.5V VDD=1.5V VDET=1.7 to 4.8V 200 400 - Detection Voltage Temperature coefficient VDET/∆T Ta=-40°C to 125°C - ±30 - ppm/°C Hysteresis Voltage ∆VDET VDD=L H L Ta=-40 to 125°C RL=470kΩ VDET≤1.0V VDET ×0.03 VDET ×0.05 VDET ×0.08 V VDET≥1.1V VDET ×0.03 VDET ×0.05 VDET ×0.07 *1: Design Guarantee. (Outgoing inspection is not done on all products.) VDET(T) : Standard Detection Voltage (0.9V to 4.8V, 0.1V step) RL: Pull-up resistor to be connected between VOUT and power supply. |
유사한 부품 번호 - BU4335F-TR |
|
유사한 설명 - BU4335F-TR |