전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP140A 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 IRFP140A
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP140A 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  IRFP140A Datasheet HTML 1Page - Fairchild Semiconductor IRFP140A Datasheet HTML 2Page - Fairchild Semiconductor IRFP140A Datasheet HTML 3Page - Fairchild Semiconductor IRFP140A Datasheet HTML 4Page - Fairchild Semiconductor IRFP140A Datasheet HTML 5Page - Fairchild Semiconductor IRFP140A Datasheet HTML 6Page - Fairchild Semiconductor IRFP140A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CHANNEL
POWER MOSFET
Electrical Characteristics (T
C=25
unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain(“Miller”) Charge
g
fs
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Q
g
Q
gs
Q
gd
BV
DSS
BV/ T
J
V
GS(th)
R
DS(on)
I
GSS
I
DSS
V
V/
V
nA
A
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
V
GS=0V,ID=250
A
I
D=250
A
See Fig 7
V
DS=5V,ID=250
A
V
GS=20V
V
GS=-20V
V
DS=100V
V
DS=80V,TC=150
V
GS=10V,ID=15.5A
V
DS=40V,ID=15.5A
V
DD=50V,ID=28A,
R
G=9.1
See Fig 13
V
DS=80V,VGS=10V,
I
D=28A
See Fig 6 & Fig 12
Drain-to-Source Leakage Current
V
GS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
I
S
I
SM
V
SD
t
rr
Q
rr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
C
Integral reverse pn-diode
in the MOSFET
T
J=25
,I
S=31A,VGS=0V
T
J=25
,I
F=28A
di
F/dt=100A/
s
ΟC
µ
O
4
O
5
ΟC
µ
µ
ΟC
O
4
O
4
O
4
O
4
O
1
ΟC
µ
ΟC
O
5
O
4
µ
µ
IRFP140A
100
--
2.0
--
--
--
--
--
0.11
--
--
--
--
--
325
148
18
18
90
56
60
10.8
27.9
--
--
4.0
100
-100
10
100
0.052
--
1710
380
170
50
50
180
120
78
--
--
23.13
1320
--
--
--
132
0.63
31
120
1.5
--
--
Notes ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=0.8mH, I
AS=31A, VDD=25V, RG=27
, Starting T
J =25
I
SD
28A, di/dt
400A/ s, V
DD
BV
DSS , Starting T J =25
Pulse Test : Pulse Width = 250 s, Duty Cycle
2%
Essentially Independent of Operating Temperature
µ
ΟC
_
<
ΟC
µ
_
<
_
<
_
<
O
2
O
3
O
1
O
5
O
4


유사한 부품 번호 - IRFP140A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP140A ISC-IRFP140A Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP140A

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com