전자부품 데이터시트 검색엔진 |
|
CB057I0563 데이터시트(PDF) 4 Page - AVX Corporation |
|
CB057I0563 데이터시트(HTML) 4 Page - AVX Corporation |
4 / 19 page 23 Film Chip Capacitors PEN DIELECTRIC – CB Series CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR) VOLTAGE Vdc: 63V Vac: 40V Capacitance Chip Dimensions Reel Range Ordering *Tolerances Tape Dimensions Reel Dimensions Packaging Unit Pkg (CR) Code (page 6) Code L W H max T W P1 K0 A W1 W2 max Bulk Reel 0.001μF CB037D0102+ -- 4.70 3.20 1.90 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0012 CB037D0122+ -- 4.70 3.20 1.90 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0015 CB037D0152+ -- 4.70 3.20 1.90 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0018 CB037D0182+ -- 4.70 3.20 1.90 0.6 12.0 8.0 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0022 CB037D0222+ -- 4.70 3.20 1.90 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0027 CB037D0272+ -- 4.70 3.20 1.90 0.6 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0033 CB037D0332+ -- 4.70 3.20 1.90 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0047 CB037D0472+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0056 CB037D0562+ -- 4.70 3.20 1.90 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0068 CB037D0682+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.0082 CB037D0822+ -- 4.70 3.20 1.90 0.6 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) 4.70 3.20 1.90 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.075) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.010μF CB037D0103+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.09) (0.488) (0.724) millimeters (inches) W L H T For other Values: upon request Replace the + by the tolerance code: J = 5% or K = 10% Replace the -- by the packaging suffix: -- = bulk BA or BC = tape & reel |
유사한 부품 번호 - CB057I0563 |
|
유사한 설명 - CB057I0563 |