전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFR310B 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 IRFR310B
상세설명  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFR310B 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  IRFR310B Datasheet HTML 1Page - Fairchild Semiconductor IRFR310B Datasheet HTML 2Page - Fairchild Semiconductor IRFR310B Datasheet HTML 3Page - Fairchild Semiconductor IRFR310B Datasheet HTML 4Page - Fairchild Semiconductor IRFR310B Datasheet HTML 5Page - Fairchild Semiconductor IRFR310B Datasheet HTML 6Page - Fairchild Semiconductor IRFR310B Datasheet HTML 7Page - Fairchild Semiconductor IRFR310B Datasheet HTML 8Page - Fairchild Semiconductor IRFR310B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
November 2001
Rev. B, November 2001
IRFR310B / IRFU310B
400V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supplies and
electronic lamp ballasts based on half bridge.
Features
• 1.7A, 400V, RDS(on) = 3.4Ω @VGS = 10 V
• Low gate charge ( typical 7.7 nC)
• Low Crss ( typical 6.0 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
IRFR310B / IRFU310B
Units
VDSS
Drain-Source Voltage
400
V
ID
Drain Current
- Continuous (TC = 25°C)
1.7
A
- Continuous (TC = 100°C)
1.1
A
IDM
Drain Current
- Pulsed
(Note 1)
6.0
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
100
mJ
IAR
Avalanche Current
(Note 1)
1.7
A
EAR
Repetitive Avalanche Energy
(Note 1)
2.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
26
W
- Derate above 25°C
0.21
W/°C
TJ, Tstg
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
4.76
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
I-PAK
IRFU Series
D-PAK
IRFR Series
GS
D
GS
D


유사한 부품 번호 - IRFR310B

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRFR310B KERSEMI-IRFR310B Datasheet
674Kb / 9P
   400V N-Channel MOSFET
logo
Inchange Semiconductor ...
IRFR310B ISC-IRFR310B Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFR310B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com