전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5328-EVB 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 Si5328-EVB
상세설명  ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5328-EVB 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button Si5328-EVB Datasheet HTML 6Page - Silicon Laboratories Si5328-EVB Datasheet HTML 7Page - Silicon Laboratories Si5328-EVB Datasheet HTML 8Page - Silicon Laboratories Si5328-EVB Datasheet HTML 9Page - Silicon Laboratories Si5328-EVB Datasheet HTML 10Page - Silicon Laboratories Si5328-EVB Datasheet HTML 11Page - Silicon Laboratories Si5328-EVB Datasheet HTML 12Page - Silicon Laboratories Si5328-EVB Datasheet HTML 13Page - Silicon Laboratories Si5328-EVB Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Si5328
10
Rev. 1.0
Output Rise/Fall
(20–80%) @
312.5 MHz output
CKOTRF
LVPECL, LVDS or CML
Output
—230
350
ps
Output Duty Cycle
Uncertainty @
808 MHz
CKODC
100
 Load
Line-to-Line
Measured at 50% Point
(Not for CMOS)
45
55
%
LVCMOS Input Pins
Minimum Reset Pulse
Width
tRSTMN
1µs
Reset to Microproces-
sor Access Ready
tREADY
10
ms
Input Capacitance
Cin
——
3
pF
LVCMOS Output Pins
Rise/Fall Times
tRF
CLOAD =20pf
See Figure 2
—25
ns
LOSn Trigger Window
LOSTRIG
From last CKINn
to 
Internal detection of LOSn
N3
≠ 1
——
4.5 x N3
TCKIN
Time to Clear LOL
after LOS Cleared
tCLRLOL
LOS to LOL
Fold = Fnew
Stable Xa/XB reference
—10
ms
Device Skew
Output Clock Skew
tSKEW
 of CKOUTn to  of
CKOUT_m, CKOUTn
and CKOUT_m at same
frequency and signal
format
PHASEOFFSET =0
CKOUT_ALWAYS_ON =1
SQ_ICAL =1
——
100
ps
Phase Change due to
Temperature Variation
tTEMP
Max phase changes from –
40 to +85 °C, stable XAXB
reference
—300
500
ps
Table 3. AC Characteristics (Continued)
(VDD = 2.5 ±10% or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Lock and settle times may change with different f3, loop BW, and VCO frequency values. Contact Silicon Labs for
further details.
2. See Section 9 of “AN775: Si5328 Synchronous Ethernet Compliance Test Report” for more details.


유사한 부품 번호 - Si5328-EVB

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5328-EVB SKYWORKS-SI5328-EVB Datasheet
1Mb / 70P
   ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
More results

유사한 설명 - Si5328-EVB

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5328 SKYWORKS-SI5328 Datasheet
1Mb / 70P
   ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5315B-C-GM SILABS-SI5315B-C-GM Datasheet
416Kb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Silicon Laboratories
SI5386-E SILABS-SI5386-E Datasheet
791Kb / 52P
   12-channel, Any Frequency, Wireless Jitter Attenuating Clock
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com