전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW620B 데이터시트(Datasheet) 3 Page - Fairchild Semiconductor

부품명 IRFW620B
상세내용  200V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
Rev. B, November 2001
©2001 Fairchild Semiconductor Corporation
0
2468
10
12
14
0
2
4
6
8
10
12
V
DS = 100V
V
DS = 40V
V
DS = 160V
※ Note: I
D
= 5.0 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
200
400
600
800
C
oss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
iss
V
DS, Drain-Source Voltage [V]
03
69
12
15
0.0
0.8
1.6
2.4
3.2
4.0
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
24
68
10
10
-1
10
0
10
1
150
o
C
25
o
C
-55
oC
※ Notes :
1. V
DS
= 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom:
5.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS
= 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
STD4N20N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FDC2612200V N-Channel PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor
FQAF19N20L200V LOGIC N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQB5N20L200V LOGIC N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP4N20L200V LOGIC N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF4N20200V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRF620B200V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFW630B200V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
BUZ329.5A 200V 0.400 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
IRFF2102.2A 200V 1.500 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl