전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA14741FJ 데이터시트(PDF) 6 Page - Rohm

부품명 BA14741FJ
상세설명  Low Noise Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA14741FJ 데이터시트(HTML) 6 Page - Rohm

Back Button BA14741FJ Datasheet HTML 2Page - Rohm BA14741FJ Datasheet HTML 3Page - Rohm BA14741FJ Datasheet HTML 4Page - Rohm BA14741FJ Datasheet HTML 5Page - Rohm BA14741FJ Datasheet HTML 6Page - Rohm BA14741FJ Datasheet HTML 7Page - Rohm BA14741FJ Datasheet HTML 8Page - Rohm BA14741FJ Datasheet HTML 9Page - Rohm BA14741FJ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200060-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
6/18
9.NOV.2012 Rev.001
TSZ22111・15・00
BA14741xx
●Typical Performance Curves
○BA14741
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 5.
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15V/-15V,Ta=25℃)
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [k
Ω]
Figure 2.
Derating Curve
Figure 3.
Supply Current - Supply Voltage
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [
℃] .
BA14741F
BA14741FJ
0.0
2.0
4.0
6.0
8.0
±0
±5
±10
±15
±20
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
Figure 4.
Supply Current - Ambient Temperature
0.0
2.0
4.0
6.0
8.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
±2 V
±18V
±15 V


유사한 부품 번호 - BA14741FJ

제조업체부품명데이터시트상세설명
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA14741F ROHM-BA14741F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
50Kb / 4P
   Quad operational amplifier
BA14741F ROHM-BA14741F Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

유사한 설명 - BA14741FJ

제조업체부품명데이터시트상세설명
logo
Rohm
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com