전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8109ASTZ2 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8109ASTZ2
상세설명  325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8109ASTZ2 데이터시트(HTML) 1 Page - Analog Devices

  AD8109ASTZ2 Datasheet HTML 1Page - Analog Devices AD8109ASTZ2 Datasheet HTML 2Page - Analog Devices AD8109ASTZ2 Datasheet HTML 3Page - Analog Devices AD8109ASTZ2 Datasheet HTML 4Page - Analog Devices AD8109ASTZ2 Datasheet HTML 5Page - Analog Devices AD8109ASTZ2 Datasheet HTML 6Page - Analog Devices AD8109ASTZ2 Datasheet HTML 7Page - Analog Devices AD8109ASTZ2 Datasheet HTML 8Page - Analog Devices AD8109ASTZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
325 MHz, 8 × 8 Buffered Video
Crosspoint Switches
AD8108/AD8109
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
EATURES
8 × 8 high speed nonblocking switch arrays
AD8108: G = 1
AD8109: G = 2
Serial or parallel programming of switch array
Serial data out allows daisy-chaining of multiple 8 × 8 arrays
to create larger switch arrays
Output disable allows connection of multiple devices
Pin-compatible with AD8110/AD8111 16 × 8 switch arrays
For 16 × 16 arrays see AD8116
Complete solution
Buffered inputs
Eight output amplifiers
AD8108 (G = 1)
AD8109 (G = 2)
Drives 150 Ω loads
Excellent video performance
60 MHz 0.1 dB gain flatness
0.02%/0.02° differential gain/differential phase error
(RL = 150 Ω)
Excellent ac performance
−3 dB bandwidth: 325 MHz (AD8108), 250 MHz (AD8109)
Slew rate: 400 V/μs (AD8108), 480 V/μs (AD8109)
Low power of 45 mA
Low all hostile crosstalk of −83 dB @ 5 MHz
Reset pin allows disabling of all outputs (connected through
a capacitor to ground provides power-on reset capability)
Excellent ESD rating: exceeds 4000 V human body model
80-lead LQFP (12 mm × 12 mm)
APPLICATIONS
Routing of high speed signals including
Composite video (NTSC, PAL, S, SECAM)
Component video (YUV, RGB)
Compressed video (MPEG, Wavelet)
3-level digital video (HDB3)
GENERAL DESCRIPTION
The AD8108/AD8109 are high speed 8 × 8 video crosspoint
switch matrices. They offer a −3 dB signal bandwidth greater than
250 MHz and channel switch times of less than 25 ns with 1%
settling. With −83 dB of crosstalk and −98 dB isolation (@5 MHz),
the AD8108/AD8109 are useful in many high speed applications.
The differential gain and differential phase of better than 0.02%
FUNCTIONAL BLOCK DIAGRAM
AD8108/AD8109
SWITCH
MATRIX
OUTPUT
BUFFER
G = +1
G = +2
32
32
64
32-BIT SHIFT REGISTER
WITH 4-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
8
 4:8 DECODERS
8
CLK
DATA IN
UPDATE
CE
RESET
8 INPUTS
A0
DATA
OUT
8 OUTPUTS
SET INDIVIDUAL
OR RESET ALL
OUTPUTS
TO "OFF"
A1
A2
SER/PAR D0 D1 D2 D3
Figure 1. Functional Block Diagram
and 0.02°, respectively, along with 0.1 dB flatness out to 60 MHz,
make the AD8108/AD8109 ideal for video signal switching.
The AD8108 and AD8109 include eight independent output
buffers that can be placed into a high impedance state for paral-
leling crosspoint outputs so that off channels do not load the
output bus. The AD8108 has a gain of 1, while the AD8109
offers a gain of 2. They operate on voltage supplies of ±5 V
while consuming only 45 mA of idle current. The channel
switching is performed via a serial digital control (which can
accommodate daisy-chaining of several devices) or via a parallel
control allowing updating of an individual output without
re-programming the entire array.
The AD8108/AD8109 is packaged in an 80-lead LQFP package
and is available over the extended industrial temperature range
of −40°C to +85°C.


유사한 부품 번호 - AD8109ASTZ2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8109ASTZ AD-AD8109ASTZ Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
More results

유사한 설명 - AD8109ASTZ2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com