전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW624B 데이터시트(Datasheet) 3 Page - Fairchild Semiconductor

부품명 IRFW624B
상세내용  250V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
Rev. B, November 2001
©2001 Fairchild Semiconductor Corporation
0
3
6
9
12
15
0
2
4
6
8
10
12
V
DS = 125V
V
DS = 50V
V
DS = 200V
※ Note : I
D = 4.1 A
Q
G, Total Gate Charge [nC]
036
9
12
0
1
2
3
4
5
6
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
24
68
10
10
-1
10
0
10
1
150
o
C
25
o
C
-55
oC
※ Notes :
1. V
DS = 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom:
5.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
0
200
400
600
800
1000
C
oss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
STP8NS25N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FQD6N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF27N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRF654B250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA16N25C250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQB16N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFM214B250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQAF16N25C250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
ZVN4525E6250V N-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
FQB27N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl