전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW624B 데이터시트(Datasheet) 5 Page - Fairchild Semiconductor

부품명 IRFW624B
상세내용  250V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 5 page
background image
Rev. B, November 2001
©2001 Fairchild Semiconductor Corporation
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
L
I D
I D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
STP8NS25N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FQD6N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF27N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRF654B250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA16N25C250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQB16N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFM214B250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQAF16N25C250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
ZVN4525E6250V N-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
FQB27N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl