전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW624B 데이터시트(Datasheet) 1 Page - Fairchild Semiconductor

부품명 IRFW624B
상세내용  250V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2001 Fairchild Semiconductor Corporation
November 2001
Rev. B, November 2001
IRFW624B / IRFI624B
250V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters and
switch mode power supplies.
Features
• 4.1A, 250V, RDS(on) = 1.1Ω @VGS = 10 V
• Low gate charge ( typical 13.5 nC)
• Low Crss ( typical 9.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
IRFW624B / IRFI624B
Units
VDSS
Drain-Source Voltage
250
V
ID
Drain Current
- Continuous (TC = 25°C)
4.1
A
- Continuous (TC = 100°C)
2.6
A
IDM
Drain Current
- Pulsed
(Note 1)
16.4
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
75
mJ
IAR
Avalanche Current
(Note 1)
4.1
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.9
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
3.13
W
Power Dissipation (TC = 25°C)
49
W
- Derate above 25°C
0.39
W/°C
TJ, Tstg
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.54
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
D2-PAK
IRFW Series
I2-PAK
IRFI Series
GS
D
GS
D




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
STP8NS25N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FQD6N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF27N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRF654B250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA16N25C250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQB16N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFM214B250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQAF16N25C250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
ZVN4525E6250V N-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
FQB27N25250V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl