전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2904SFVM-TR 데이터시트(PDF) 4 Page - Rohm

부품명 BA2904SFVM-TR
상세설명  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2904SFVM-TR 데이터시트(HTML) 4 Page - Rohm

  BA2904SFVM-TR Datasheet HTML 1Page - Rohm BA2904SFVM-TR Datasheet HTML 2Page - Rohm BA2904SFVM-TR Datasheet HTML 3Page - Rohm BA2904SFVM-TR Datasheet HTML 4Page - Rohm BA2904SFVM-TR Datasheet HTML 5Page - Rohm BA2904SFVM-TR Datasheet HTML 6Page - Rohm BA2904SFVM-TR Datasheet HTML 7Page - Rohm BA2904SFVM-TR Datasheet HTML 8Page - Rohm BA2904SFVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4/45
11.Jan.2013 Rev.002
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
●Absolute Maximum Ratings (Ta=25℃)
○BA10358, BA10324A
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+32
V
Power dissipation
Pd
SOP8
620
*1*7
mW
SOP-J8
540
*2*7
SSOP-B8
500
*3*7
SOP14
450
*4*7
SOP-J14
820
*5*7
SSOP-B14
700
*6*7
Differential Input Voltage
*6
Vid
VCC – VEE
V
Input Common-mode Voltage Range
Vicm
VEE – VCC
V
Wide Operating Supply Voltage
Vopr
+3.0 to +32.0
V
Operating Temperature Range
Topr
-40 to +85
Storage Temperature Range
Tstg
-55 to +125
Maximum Junction Temperature
Tjmax
+125
Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating
or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
*1 To use at temperature above Ta=25℃ reduce 6.2mW.
*2 To use at temperature above Ta=25℃ reduce 5.4mW
*3 To use at temperature above Ta=25℃ reduce 5.0mW.
*4 To use at temperature above Ta=25℃ reduce 4.5mW.
*5 To use at temperature above Ta=25℃ reduce 8.2mW
*6 To use at temperature above Ta=25℃ reduce 7.0mW.
*7 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*8 The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
○BA2904, BA2902
Parameter
Symbol
Ratings
Unit
BA2904S
BA2902S
BA2904, BA2904W
BA2902
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
SOP8
775
*9*14
mW
SSOP-B8
625
*10*14
MSOP8
600
*11*14
SOP14
560
*12*14
SSOP-B14
870
*13*14
Differential Input Voltage
*15
Vid
+36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3) to (VEE+36)
V
Wide Operating Supply Voltage
Vopr
+3.0 to +36.0
V
Operating Temperature Range
Topr
-40 to +105
-40 to +125
Storage Temperature Range
Tstg
-55 to +150
Maximum Junction Temperature
Tjmax
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating
or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
*9 To use at temperature above Ta=25℃ reduce 6.2mW.
*10 To use at temperature above Ta=25℃ reduce 5.0mW.
*11 To use at temperature above Ta=25℃ reduce 4.8mW.
*12 To use at temperature above Ta=25℃ reduce 4.5mW.
*13 To use at temperature above Ta=25℃ reduce 7.0mW.
*14 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm)..
*15 The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.


유사한 부품 번호 - BA2904SFVM-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BA2904SFVM-TR ROHM-BA2904SFVM-TR Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results

유사한 설명 - BA2904SFVM-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com