전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW710B 데이터시트(Datasheet) 4 Page - Fairchild Semiconductor

부품명 IRFW710B
상세내용  400V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B, November 2001
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D = 1.0 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
o
C]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
※ No te s :
1 . Z
θ JC (t) = 3 . 4 4
℃ /W M a x .
2 . D u ty F a c to r, D = t
1
/t
2
3 . T
JM - T C = P DM * Z θ JC (t )
s in g le p u ls e
D= 0 .5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 , S q uar e
W a v e P u ls e D u r a tio n [s ec ]
25
50
75
100
125
150
0.0
0.4
0.8
1.2
1.6
2.0
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
FQD2N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF11N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRF740B400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFF3303.5A 400V 1.000 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
FQPF17N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFP340B400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFP34011A 400V 0.550 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
FQD3N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF2N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFR310B400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl