전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW710B 데이터시트(Datasheet) 6 Page - Fairchild Semiconductor

부품명 IRFW710B
상세내용  400V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 6 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B, November 2001
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
FQD2N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF11N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRF740B400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFF3303.5A 400V 1.000 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
FQPF17N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFP340B400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFP34011A 400V 0.550 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
FQD3N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF2N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFR310B400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl