전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4730A 데이터시트(PDF) 1 Page - Yea Shin Technology Co., Ltd

부품명 1N4730A
상세설명  1 Watt DO-41G Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N4730A 데이터시트(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1N4730A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N4730A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N4730A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N4730A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N4730A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N4730A Datasheet HTML 6Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20121011
1N4728A~1N4764A
1 Watt DO-41G Hermetically
Sealed Glass Zener Voltage
Regulators
Maximum Ratings
Rating
Symbol
Value
Unit
Maximum Steady State Power Dissipation
@ TL ≤50°C, Lead Length = 3/8”
Derate Above 50°C
PD
1.0
6.67
W
mW/°C
Operating and Storage
Temperature Range
TJ, Tstg
-65 to +200
°C
Specification Features
• Zener Voltage Range = 3.3 V to 100 V
• ESD Rating of Class 3 (>16 KV) per Human Body Model
• DO-41G Package
• Double Slug Type Construction
• Metallurgical Bonded Construction
• Oxide Passivated Die
Mechanical Characteristics
Case
:
Double slug type, hermetically sealed glass
Finish
:
All external surfaces are corrosion resistant and leads are readily solderable.
Polarity :
Cathode indicated by polarity band
Mounting:
Any
Maximum Lead Temperature for Soldering Purposes
260°C, 1/16” from the case for 10 seconds
AXIAL LEAD
DO41G
Cathode
Anode
1N
47
xxA
1N47xxA
= Device Code
MARKING DIAGRAM
.107(2.71)
.080(2.04)
.034(0.86)
.028(0.72)


유사한 부품 번호 - 1N4730A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4730A PHILIPS-1N4730A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4730A VISHAY-1N4730A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Chongqing Pingwei Enter...
1N4730A CHONGQING-1N4730A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Rugao Dachang Electroni...
1N4730A DACHANG-1N4730A Datasheet
121Kb / 2P
   High stability and high reliability
logo
List of Unclassifed Man...
1N4730A ETC1-1N4730A Datasheet
16Kb / 1P
   Zener Diodes
More results

유사한 설명 - 1N4730A

제조업체부품명데이터시트상세설명
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com