전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD02H0SK 데이터시트(PDF) 7 Page - International Rectifier

부품명 SD02H0SK
상세설명  6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

SD02H0SK 데이터시트(HTML) 7 Page - International Rectifier

Back Button SD02H0SK Datasheet HTML 3Page - International Rectifier SD02H0SK Datasheet HTML 4Page - International Rectifier SD02H0SK Datasheet HTML 5Page - International Rectifier SD02H0SK Datasheet HTML 6Page - International Rectifier SD02H0SK Datasheet HTML 7Page - International Rectifier SD02H0SK Datasheet HTML 8Page - International Rectifier SD02H0SK Datasheet HTML 9Page - International Rectifier SD02H0SK Datasheet HTML 10Page - International Rectifier SD02H0SK Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
IR3863MPBF
8/8/2012 Rev3.2
TYPICAL OPERATING DATA
Tested with demoboard shown in Figure 7, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, T
A = 25
oC, no
airflow, unless otherwise specified
Figure 3. Switching Frequency vs.
Load Current
Figure 1. Efficiency vs. Load Current for
VOUT = 1.05V
Figure 2. Efficiency vs. Load Current for
VIN = 12V
Figure 4. R
FF vs. Switching Frequency
Figure 5. Output Voltage Regulation
Figure 6. Line Regulation at I
OUT = 6A
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
Load Current (A)
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.01
0.1
1
10
Load Current (A)
12VIN
7VIN
16VIN
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.01
0.1
1
10
Load Current (A)
VOUT = 1.05V; L = 2.2uH, 11.2mΩ
VOUT = 1.5V; L = 3.3uH, 19.9mΩ
VOUT = 3.3V; L = 4.7uH, 23mΩ
1.045
1.050
1.055
1.060
1.065
1.070
1.075
1.080
0
1
2
3
4
5
6
Load Current (A)
12VIN
7VIN
16VIN
1.045
1.050
1.055
1.060
1.065
1.070
1.075
1.080
7
8
9
10
11
12
13
14
15
16
Input Voltage (V)
0
200
400
600
800
1000
1200
1400
200 250 300 350 400 450 500 550 600 650 700 750
Switching Frequency (kHz)
5.0 Vout
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5


유사한 부품 번호 - SD02H0SK

제조업체부품명데이터시트상세설명
logo
ITT Industries
SD02H0SK ITT-SD02H0SK Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
International Rectifier
SD02H0SK IRF-SD02H0SK Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
SD02H0SK IRF-SD02H0SK Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
SD02H0SK IRF-SD02H0SK Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
SD02H0SK IRF-SD02H0SK Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results

유사한 설명 - SD02H0SK

제조업체부품명데이터시트상세설명
logo
International Rectifier
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_1 Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com