전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFWI540A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 IRFWI540A
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFWI540A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  IRFWI540A Datasheet HTML 1Page - Fairchild Semiconductor IRFWI540A Datasheet HTML 2Page - Fairchild Semiconductor IRFWI540A Datasheet HTML 3Page - Fairchild Semiconductor IRFWI540A Datasheet HTML 4Page - Fairchild Semiconductor IRFWI540A Datasheet HTML 5Page - Fairchild Semiconductor IRFWI540A Datasheet HTML 6Page - Fairchild Semiconductor IRFWI540A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRFW/I540A
10
-1
10
0
10
1
10
0
10
1
10
2
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
15V
10 V
8.0 V
7.0 V
6.0 V
5.5V
5.0 V
Bottom : 4.5V
V
DS , Drain-Source Voltage
[V]
2
468
10
10
0
10
1
10
2
25
oC
175
oC
- 55
oC
@ Notes :
1. V
GS = 0 V
2. V
DS = 40 V
3. 250
µs Pulse Test
V
GS , Gate-Source Voltage
[V]
030
60
90
120
0.00
0.02
0.04
0.06
0.08
@ Note : T
J = 25
oC
V
GS = 20 V
V
GS = 10 V
I
D
, Drain Current [A]
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
10
0
10
1
10
2
175
oC
25
oC
@ Notes :
1. V
GS = 0 V
2. 250
µs PulseTest
V
SD
, Source-Drain Voltage [V]
10
0
10
1
0
500
1000
1500
2000
2500
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss= Cds+ Cgd
C
rss= Cgd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS , Drain-Source Voltage [V]
0
1020
3040506070
0
5
10
V
DS = 80 V
V
DS = 50 V
V
DS = 20 V
@ Notes : I
D =28.0 A
Q
G , Total Gate Charge
[nC]
3
N-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


유사한 부품 번호 - IRFWI540A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
IRFWI510A FAIRCHILD-IRFWI510A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFWI520A FAIRCHILD-IRFWI520A Datasheet
252Kb / 7P
   Advanced Power MOSFET
IRFWI530A FAIRCHILD-IRFWI530A Datasheet
259Kb / 7P
   Advanced Power MOSFET
IRFWI550A FAIRCHILD-IRFWI550A Datasheet
266Kb / 7P
   Advanced Power MOSFET
More results

유사한 설명 - IRFWI540A

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com