전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW540A 데이터시트(Datasheet) 5 Page - Fairchild Semiconductor

부품명 IRFW540A
상세내용  Advanced Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 5 page
background image
IRFW/I540A
5
N-CHANNEL
POWER MOSFET
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =LL IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
out
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
Vary t
p to obtain
required peak I
D
10V
V
DD
C
L
L
V
DS
I
D
R
G
t
p
DUT
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated V
DS )
10V
V
out
V
in
R
L
DUT
R
G
3mA
V
GS
Current Sampling (I
G)
Resistor
Current Sampling (I
D)
Resistor
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
* Current Regulator ”
R
1
R
2




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRF540AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFS530AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLM120AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLWI530AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFM9014Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFP9644Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFS2955Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFW12955Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SSF17N60AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STK830FCAdvanced Power MOSFET 1 2 3 4 5 MoreAUK corp

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl