전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3639A 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3639A
상세설명  Single Chip 40V Backlight 1.5A Flash LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3639A 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM3639A Datasheet HTML 5Page - Texas Instruments LM3639A Datasheet HTML 6Page - Texas Instruments LM3639A Datasheet HTML 7Page - Texas Instruments LM3639A Datasheet HTML 8Page - Texas Instruments LM3639A Datasheet HTML 9Page - Texas Instruments LM3639A Datasheet HTML 10Page - Texas Instruments LM3639A Datasheet HTML 11Page - Texas Instruments LM3639A Datasheet HTML 12Page - Texas Instruments LM3639A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
IN (V)
500 kHz.
1 MHz.
C022
I
LED = 19mA
6 LEDs
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
IN (V)
500 kHz.
1 MHz.
C022
I
LED = 19mA
8 LEDs
60%
65%
70%
75%
80%
85%
90%
95%
100%
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
IN (V)
6 LEDs
8 LEDs
10 LEDs
C022
I
LED = 19mA
f
SW = 500kHz.
60%
65%
70%
75%
80%
85%
90%
95%
100%
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
IN (V)
2x4 LEDs
2x5 LEDs
2x6 LEDs
2x7 LEDs
C022
I
LED = 19mA
f
SW = 500kHz.
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0
16
32
48
64
80
96
112
128
Brightness Code (#)
D1, -40 C
D2, -40 C
D1, +25 C
D2, +25 C
D1, +85 C
D2, +85 C
C020
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0
16
32
48
64
80
96
112
128
Brightness Code (#)
D1, -40 C
D2, -40 C
D1, +25 C
D2, +25 C
D1, +85 C
D2, +85 C
C020
LM3639A
www.ti.com
SNVS964 – MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; VEN = VIN; CIN= 10 μF, COUTF= 10 μF, COUTB = 1 μF (50V 0805 case
size); LF = 1
μH; LB = 22 μH.
Figure 21. Backlight LED Current vs Brightness Code
Figure 22. Backlight LED Current vs Brightness Code
Exponential
Linear
Figure 23. Backlight Efficiency vs Input Voltage
Figure 24. Backlight Efficiency vs Input Voltage
Single String
Dual String
Figure 25. Backlight Efficiency vs Input Voltage
Figure 26. Backlight Efficiency vs Input Voltage
Single String - 6 LEDs
Single String - 8 LEDs
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3639A


유사한 부품 번호 - LM3639A

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

유사한 설명 - LM3639A

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3632A TI1-LM3632A Datasheet
2Mb / 64P
[Old version datasheet]   Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
SHANGHAI BELLING CO., L...
BL8549 BELLING-BL8549 Datasheet
540Kb / 6P
   40V Backlight LED Driver with PWM Direct Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com