전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3A226AEYFFR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3A226AEYFFR
상세설명  Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3A226AEYFFR 데이터시트(HTML) 1 Page - Texas Instruments

  TS3A226AEYFFR Datasheet HTML 1Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 2Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 3Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 4Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 5Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 6Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 7Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 8Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S1
VDD
EN
MICP
SLEEVE
RING2
GNDA
Control
Logic
TS3A226AE
FET1
FET2
TIP
RING1
MIC_BIAS
MIC
R1
C2
Audio
Codec
FM Receiver
GNDB
TS3A226AE
www.ti.com
SCDS346A – JUNE 2013 – REVISED JULY 2013
Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
Check for Samples: TS3A226AE
1
FEATURES
DESCRIPTION
The TS3A226AE is an audio headset switch that
Ground FET Switches (60m
Ω typical)
detects 3- or 4-pole 3.5mm accessories. For a 4-pole
Autonomous Detection of Headset Types:
accessory with a microphone, the TS3A226AE also
3-Poles or 4-Poles (with MIC on SLEEVE or
detects the MIC location and routes the microphone
RING2)
and ground signals automatically. The ground signal
is routed through a pair of low-impedance ground
Microphone Line Switches
FETs (60m
Ω typical), resulting minimal impact on
Supports FM Signal Transmission Through the
audio
cross-talk
performance.
The
autonomous
Ground FETs
detection feature allows end users to plug in
Reduction of Click/Pop Noise
accessories with different audio pole configurations
into the mobile device and have them operate
VDD Range: 2.6 V – 4.7 V
properly
with
no
added
software
control
and
THD (Mic): 0.002% Typical
complexity. The ground FETs of the device are
Low Current Consumption: 6.5-µA Typical
designed to allow FM signal pass-through, making it
possible to use the ground line of the headset as an
±8kV Contract Discharge (IEC 61000-4-2) ESD
FM antenna in mobile audio application.
Performance on SLEEVE and RING2 Pins
The TS3A226AE is packaged within a 1.2mm ×
APPLICATIONS
1.2mm WCSP package, making it suitable for use in
mobile application.
Mobile Phones / Tablet PCs
Notebook/Ultrabook Computers
Figure 1. Typical Application Diagram
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at www.ti.com
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TS3A226AEYFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A226AEYFFR TI1-TS3A226AEYFFR Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

유사한 설명 - TS3A226AEYFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226E TI1-TS3A226E Datasheet
284Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
logo
ON Semiconductor
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com