전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLS630A 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 IRLS630A
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLS630A 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  IRLS630A Datasheet HTML 1Page - Fairchild Semiconductor IRLS630A Datasheet HTML 2Page - Fairchild Semiconductor IRLS630A Datasheet HTML 3Page - Fairchild Semiconductor IRLS630A Datasheet HTML 4Page - Fairchild Semiconductor IRLS630A Datasheet HTML 5Page - Fairchild Semiconductor IRLS630A Datasheet HTML 6Page - Fairchild Semiconductor IRLS630A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRLS630A
200
--
1.0
--
--
--
--
--
0.18
--
--
--
--
--
90
44
8
6
30
9
18.6
3.5
8.3
--
--
2.0
100
-100
10
100
0.4
--
755
115
55
25
20
70
30
27
--
--
4.5
580
--
--
--
158
0.78
9
32
1.5
--
--
Notes ;
① Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
② L=2mH, I
AS=6.5A, VDD=50V, RG=27, Starting TJ =25℃
③ I
SD≤9A, di/dt≤220A/μs, VDD≤BVDSS , Starting TJ =25℃
④ Pulse Test : Pulse Width = 250μs, Duty Cycle ≤ 2%
⑤ Essentially Independent of Operating Temperature
N-CHANNEL
POWER MOSFET
Electrical Characteristics (T
C=25℃ unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain("Miller") Charge
g
fs
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Q
g
Q
gs
Q
gd
BV
DSS
ΔBV/ΔT
J
V
GS(th)
R
DS(on)
I
GSS
I
DSS
V
V/℃
V
nA
μA
S
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
V
GS=0V,ID=250μA
I
D=250μA
See Fig 7
V
DS=VGS, ID=250μA
V
GS=20V
V
GS=-20V
V
DS=200V
V
DS=160V,TC=125℃
V
GS=5V,ID=3.25A
V
DS=40V,ID=3.25A
V
DD=100V,ID=9A,
R
G=6Ω
See Fig 13
④⑤
V
DS=160V,VGS=5V,
I
D=9A
See Fig 6 & Fig 12 ④⑤
Drain-to-Source Leakage Current
V
GS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
I
S
I
SM
V
SD
t
rr
Q
rr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
μC
Integral reverse pn-diode
in the MOSFET
T
J=25℃,IS=6.5A,VGS=0V
T
J=25℃,IF=9A
di
F/dt=100A/μs


유사한 부품 번호 - IRLS630A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRLS630A ISC-IRLS630A Datasheet
264Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRLS630A

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com