전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2576DP-12 데이터시트(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

부품명 LM2576DP-12
상세설명  3A, 52kHz, Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTC [HTC Korea TAEJIN Technology Co.]
홈페이지  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576DP-12 데이터시트(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM2576DP-12 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576DP-12 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576DP-12 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576DP-12 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576DP-12 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576DP-12 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576DP-12 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576DP-12 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576DP-12 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3A, 52kHz, Step-Down Switching Regulator
LM2576
Dec 2011 – Rev. 1.3
- 1
-
HTC
FEATURES
3.3V, 5.0V, 12V and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.23 to 37V
+/- 4% AG10Maximum Over Line and Load Conditions
Guaranteed 3.0A Output Current
Wide Input Voltage Range
Requires Only 4 External Components
52kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit Protection
Moisture Sensitivity Level 3 for SMD packages
APPLICATION
Simple High-Efficiency Step-Down(Buck) Regulator
Efficient Pre-Regulator for Linear Regulators
On-Card Switching Regulators
Positive to Negative Converter(Buck-Boost)
Negative Step-Up Converters
Power Supply for Battery Chargers
SOP8-PP PKG
TO-220 PKG
TO-263 PKG
ORDERING INFORMATION
Device
Marking
Package
LM2576DP-X.X
LM2576-X.X
SOP8-PP
LM2576T-X.X
LM2576-X.X
TO-220
LM2576R-X.X
LM2576-X.X
TO-263
DESCRIPTION
The LM2576 series of regulators are monolithic integrated circuits ideally suited for easy and convenient
design of a step-down switching regulator (buck converter).
All circuits of this series are capable of driving a 3.0A load with excellent line and load regulation. These
devices are available in fixed output voltages of 3.3V, 5.0V, 12V and an adjustable output version.
These regulators were designed to minimize the number of external components to simplify the power supply
design. Standard series of inductors optimized for use with the LM2576 are offered by several different inductor
manufacturers.
Since the LM2576 converter is a switch-mode power supply, its efficiency is significantly higher in comparison
with popular three-terminal linear regulators, especially with higher input voltages.
In many cases, the power dissipated is so low that no heatsink is required or its size could be reduced
dramatically. A standard series of inductors optimized for use with the LM2576 are available from several
different manufacturers. This feature greatly simplifies the design of switch-mode power supplies. The LM2576
features include a guaranteed +/- 4% tolerance on output voltage within specified input voltages and output
load conditions, and +/-10% on the oscillator frequency (+/- 2% over 0˚C to 125˚C).
External shutdown is included, featuring 80㎂(typical) standby current. The output switch includes cycle-
bycycle current limiting, as well as thermal shutdown for full protection under fault conditions.


유사한 부품 번호 - LM2576DP-12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2576D2T-005 ONSEMI-LM2576D2T-005 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-005G ONSEMI-LM2576D2T-005G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-012 ONSEMI-LM2576D2T-012 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-012G ONSEMI-LM2576D2T-012G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-015 ONSEMI-LM2576D2T-015 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

유사한 설명 - LM2576DP-12

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
   3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com