전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLWI530A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 IRLWI530A
상세설명  Advanced Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLWI530A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  IRLWI530A Datasheet HTML 1Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 2Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 3Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 4Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 5Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 6Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 7Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 8Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLW/I530A
BV
DSS = 100 V
R
DS(on) = 0.12Ω
I
D = 14 A
100
14
9.9
49
±20
261
14
6.2
6.5
3.8
62
0.41
- 55 to +175
300
2.41
40
62.5
--
--
--
1
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ 175°C Operating Temperature
♦ Lower Leakage Current: 10µA (Max.) @ V
DS = 100V
♦ Lower R
DS(ON): 0. 101Ω (Typ.)
$GYDQFHG 3RZHU 026)(7
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
°C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
D2-PAK
1. Gate 2. Drain 3. Source
1
3
2
1
2
3
I2-PAK
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
Drain Current-Pulsed
(1)
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
(2)
Avalanche Current
(1)
Repetitive Avalanche Energy
(1)
Peak Diode Recovery dv/dt
(3)
Total Power Dissipation (TA=25°C)
Total Power Dissipation (TC=25°C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8 from case for 5-seconds
Characteristic
Value
Units
Symbol
IDM
VGS
EAS
IAR
EAR
dv/dt
PD
ID
TJ , TSTG
TL
A
V
mJ
A
mJ
V/ns
W
W
W/
°C
A
°C
VDSS
V
*
©1999 Fairchild Semiconductor Corporation
Rev. B


유사한 부품 번호 - IRLWI530A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
IRLWI510A FAIRCHILD-IRLWI510A Datasheet
268Kb / 9P
   Advanced Power MOSFET
IRLWI520A FAIRCHILD-IRLWI520A Datasheet
233Kb / 7P
   Advanced Power MOSFET
IRLWI540A FAIRCHILD-IRLWI540A Datasheet
270Kb / 9P
   Advanced Power MOSFET
More results

유사한 설명 - IRLWI530A

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com