전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLWI530A 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 IRLWI530A
상세설명  Advanced Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLWI530A 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  IRLWI530A Datasheet HTML 1Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 2Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 3Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 4Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 5Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 6Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 7Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 8Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLW/I530A
100
--
1.0
--
--
--
--
--
0.1
--
--
--
--
--
140
60
10
11
29
15
16.9
2.7
9.7
--
--
2.0
100
-100
10
100
0.12
--
755
175
75
30
30
70
40
24
--
--
10.2
580
--
--
--
109
0.41
14
49
1.5
--
--
Notes;
(1) Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
(2) L=2mH, I
AS=14A, VDD=25V, RG=27, Starting TJ =25°C
(3) I
SD ≤ 14A, di/dt ≤ 350A/µs, VDD ≤ BVDSS , Starting TJ =25°C
(4) Pulse Test: Pulse Width = 250
µs, Duty Cycle ≤ 2%
(5) Essentially Independent of Operating Temperature
2
1&+$11(/
32:(5 026)(7
Electrical Characteristics (T
C=25°C unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain ( Miller ) Charge
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
BVDSS
∆BV/∆T
J
VGS(th)
RDS(on)
IGSS
IDSS
V
V/
°C
V
nA
µA
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
VGS=0V,ID=250µA
ID=250µA
See Fig 7
VDS=5V,ID=250µA
VGS=20V
VGS=-20V
VDS=100V
VDS=80V,TC=150°C
VGS=5V,ID=7A
(4)
VDS=40V,ID=7A
(4)
VDD=50V,ID=14A,
RG=6Ω
See Fig 13
(4) (5)
VDS=80V,VGS=5V,
ID=14A
See Fig 6 & Fig 12 (4) (5)
Drain-to-Source Leakage Current
VGS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
(1)
Diode Forward Voltage
(4)
Reverse Recovery Time
Reverse Recovery Charge
IS
ISM
VSD
trr
Qrr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
µC
Integral reverse pn-diode
in the MOSFET
TJ=25°C,IS=14A,VGS=0V
TJ=25°C,IF=14A
diF/dt=100A/µs
(4)


유사한 부품 번호 - IRLWI530A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
IRLWI510A FAIRCHILD-IRLWI510A Datasheet
268Kb / 9P
   Advanced Power MOSFET
IRLWI520A FAIRCHILD-IRLWI520A Datasheet
233Kb / 7P
   Advanced Power MOSFET
IRLWI540A FAIRCHILD-IRLWI540A Datasheet
270Kb / 9P
   Advanced Power MOSFET
More results

유사한 설명 - IRLWI530A

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com