전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-85042-0001 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-85042-0001
상세설명  ASSEMBLY DIN 41612 C FEMALE 96 POS 1.0MM PCB DIA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX5 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

SD-85042-0001 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-85042-0001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-85042-0001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-85042-0001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


유사한 부품 번호 - SD-85042-0001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-85042-001 MOLEX5-SD-85042-001 Datasheet
196Kb / 2P
   ASSEMBLY, DIN 41612 C FEMALE, 96 POS
More results

유사한 설명 - SD-85042-0001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-85042-001 MOLEX5-SD-85042-001 Datasheet
196Kb / 2P
   ASSEMBLY, DIN 41612 C FEMALE, 96 POS
SD-85003-0001 MOLEX5-SD-85003-0001 Datasheet
120Kb / 2P
   ASSEMBLY, DIN 41612 C MALE 96 POS
logo
Adam Technologies, Inc.
DIN-96FS-L33-A1CX ADAM-TECH-DIN-96FS-L33-A1CX Datasheet
128Kb / 1P
   DIN 41612 96 POSITION FEMALE
DIN-64FR-L32-A1CX-BL ADAM-TECH-DIN-64FR-L32-A1CX-BL Datasheet
95Kb / 1P
   DIN 41612 96 POSITION FEMALE
logo
Dubilier
DBCDINF48CABS3 DUBILIER-DBCDINF48CABS3 Datasheet
539Kb / 1P
   DIN 41612 TYPE C - FEMALE
logo
Adam Technologies, Inc.
DIN-96MS-L33-A2CX ADAM-TECH-DIN-96MS-L33-A2CX Datasheet
91Kb / 1P
   DIN 41612 96 POSITION MALE STRAIGHT PCB MOUNT
DIN-96MS-L33-A1CX ADAM-TECH-DIN-96MS-L33-A1CX Datasheet
126Kb / 1P
   DIN 41612 96 POSITION MALE STRAIGHT PCB MOUNT
logo
Molex Electronics Ltd.
85042-1079 MOLEX11-85042-1079 Datasheet
40Kb / 3P
   2.54mm Pitch DIN 41612 Receptacle, Style C, 96 Circuits
logo
Adam Technologies, Inc.
DIN-64MR-L32-A1CX-BL ADAM-TECH-DIN-64MR-L32-A1CX-BL Datasheet
86Kb / 1P
   DIN 41612 96 POSITION MALE
DIN-64MR-L32-A1CX ADAM-TECH-DIN-64MR-L32-A1CX Datasheet
116Kb / 1P
   DIN 41612 96 POSITION MALE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com