전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA18JC5T 데이터시트(PDF) 3 Page - Rohm

부품명 BA18JC5T
상세설명  1.5A Variable/Fixed Output LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA18JC5T 데이터시트(HTML) 3 Page - Rohm

  BA18JC5T Datasheet HTML 1Page - Rohm BA18JC5T Datasheet HTML 2Page - Rohm BA18JC5T Datasheet HTML 3Page - Rohm BA18JC5T Datasheet HTML 4Page - Rohm BA18JC5T Datasheet HTML 5Page - Rohm BA18JC5T Datasheet HTML 6Page - Rohm BA18JC5T Datasheet HTML 7Page - Rohm BA18JC5T Datasheet HTML 8Page - Rohm BA18JC5T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/13
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
Datasheet
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
14.Feb.2012 Rev.001
●Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
18*1
V
Power dissipation
TO220FP-3
Pd
2000*2
mW
TO220FP-5
2000*2
Operating temperature range
Topr
−40 to +105
Ambient storage temperature
Tstg
−55 to +150
Maximum junction temperature
Tjmax
150
*1
Must not exceed Pd
*2
Derated at 16mW/℃ at Ta>25℃
●Recommended Operating Ratings
Parameter
Symbol
Ratings
Unit
Min.
Max.
Input power supply voltage
VCC*3
3.0
16.0
V
Input power supply voltage
VCC*4
Vo + 1.0
16.0
V
Output current
Io
-
1.5
A
Variable output voltage setting value
Vo
1.5
12
V
*3
When output voltage is 1.5 V, 1.8 V, or 2.5 V.
*4
When output voltage is 3.0 V or higher.
●Electrical Characteristics
BAxxJC5T
Unless otherwise specified, Ta=25℃, Vcc=3.3V(Vo=1.5V,1.8V,2.5V), Vcc=5.0V(Vo=3.0V,3.3V), Vcc=Vo+3.0V(Vo≧5.0V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Bias Current
Ib
0.5
0.9
mA
Io=0mA
Output Voltage
Vo
Vo(T)×
0.99
Vo(T)
Vo(T)×
1.01
V
Io=200mA
Dropout Voltage *5
ΔVd
0.3
0.5
V
Io=500mA, Vcc=Vo×0.95V
Peak Output Current
Io
1.5
A
Ripple Rejection
R.R.
44
55
dB
f=120Hz, ein*8=-20dBV
Io=100mA, Vo≦6.3V
43
53
f=120Hz, ein*8=-20dBV
Io=100mA, Vo=8.0V
42
52
f=120Hz, ein*8=-20dBV
Io=100mA, Vo=9.0V
40
50
f=120Hz, ein*8=-20dBV
Io=100mA, Vo=12.0V
Line Regulation *6
Reg.I
5
60
mV
Vcc=Vo+1.0V→16V, Io=200mA
Load Regulation
Reg.L
5
60
mV
Io=5mA→1.5A
Temperature Coefficient of
Output Voltage *7
Tcvo
±0.02
%/℃
Io=5mA,Tj=0 to 125℃
Output Short Current
Ios
0.7
A
Vcc=16V(Vo≦3.3V)
0.8
Vcc=16V(Vo≧5.0V)
Vo(T): Output Voltage
*5
Vo≧3.3V
*6
Vcc=3.0V
→16V(Vo=1.5V, 1.8V, 2.5V)
*7
Not 100% tested
*8
ein=Input Voltage Ripple


유사한 부품 번호 - BA18JC5T

제조업체부품명데이터시트상세설명
logo
Rohm
BA18JC5T ROHM-BA18JC5T Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA18JC5T ROHM-BA18JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

유사한 설명 - BA18JC5T

제조업체부품명데이터시트상세설명
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com