전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3259HFP 데이터시트(PDF) 4 Page - Rohm

부품명 BA3259HFP
상세설명  Dual-Output (Fixed/Variable) LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3259HFP 데이터시트(HTML) 4 Page - Rohm

  BA3259HFP Datasheet HTML 1Page - Rohm BA3259HFP Datasheet HTML 2Page - Rohm BA3259HFP Datasheet HTML 3Page - Rohm BA3259HFP Datasheet HTML 4Page - Rohm BA3259HFP Datasheet HTML 5Page - Rohm BA3259HFP Datasheet HTML 6Page - Rohm BA3259HFP Datasheet HTML 7Page - Rohm BA3259HFP Datasheet HTML 8Page - Rohm BA3259HFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4/16
BA3259HFP
BA30E00WHFP
Datasheet
TSZ02201-0R6R0A600100-1-2
26.Jun.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Electrical Characteristics - continued
○BA30E00WHFP (Unless otherwise specified, Ta=25℃, Vcc1=Vcc2=VEN=5 V, R1=50kΩ, R2=62.5kΩ)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Bias current
Ib
0.7
1.6
mA
Io1=0mA, Io2=0mA
Standby current
IST
0
10
µA
VEN=GND
EN pin on voltage
VON
2.0
V
Active mode
EN pin off voltage
VOFF
0.8
V
Standby mode
EN pin current
IEN
50
100
µA
VEN=3.3V
[3.3 V output]
Output voltage 1
Vo1
3.234
3.300
3.366
V
Io1=50mA
Minimum I/O voltage difference 1
∆Vd1
0.30
0.60
V
Io1=300mA, Vcc=3.135V
Output current capacity 1
Io1
0.6
A
Ripple rejection 1
R.R.1
68
dB
f=120Hz, ein=1Vp-p, Io1=100mA
Input stability 1
Reg.I1
5
30
mV
Vcc1=4.1→16V, Io1=50mA
Load stability 1-1
Reg.L1-1
30
90
mV
Io1=0mA→0.6A
Load stability 1-2
Reg.L1-2
30
90
mV
Vcc1=3.7V, Io1=0→0.4A
Temperature coefficient of
output voltage 1
*3
Tcvo1
±0.01
%/℃
Io1=5mA, Tj=0℃ to 125℃
[Variable output] (at 1.8 V)
Reference voltage
VADJ
0.784
0.800
0.816
V
Io2=50mA
Minimum I/O voltage difference 2
∆Vd2
0.30
0.60
V
At Io2=3.3V
Io2=300mA, Vcc1=Vcc2=3.135V
Output current capacity 2
Io2
0.6
A
Ripple rejection 2
R.R.2
66
dB
f=120Hz, ein=1Vp-p, Io2=100mA
Input stability 2
Reg.I2
5
30
mV
Vcc1=Vcc2=4.1V→16V, Io2=50mA
Load stability 2
Reg.L2
30
90
mV
Io2=0mA→0.6A
Temperature coefficient of
output voltage 2
*3
Tcvo2
±0.01
%/℃
Io2=5mA, Tj=0℃ to 125℃
*3
Not 100% tested


유사한 부품 번호 - BA3259HFP

제조업체부품명데이터시트상세설명
logo
Rohm
BA3259HFP ROHM-BA3259HFP Datasheet
191Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3259HFP ROHM-BA3259HFP Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
More results

유사한 설명 - BA3259HFP

제조업체부품명데이터시트상세설명
logo
Rohm
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com