전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3662CP-V5 데이터시트(PDF) 9 Page - Rohm

부품명 BA3662CP-V5
상세설명  300mA Variable Output LDO Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3662CP-V5 데이터시트(HTML) 9 Page - Rohm

Back Button BA3662CP-V5_12 Datasheet HTML 5Page - Rohm BA3662CP-V5_12 Datasheet HTML 6Page - Rohm BA3662CP-V5_12 Datasheet HTML 7Page - Rohm BA3662CP-V5_12 Datasheet HTML 8Page - Rohm BA3662CP-V5_12 Datasheet HTML 9Page - Rohm BA3662CP-V5_12 Datasheet HTML 10Page - Rohm BA3662CP-V5_12 Datasheet HTML 11Page - Rohm BA3662CP-V5_12 Datasheet HTML 12Page - Rohm BA3662CP-V5_12 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/14
BA3662CP-V5
Datasheet
TSZ02201-0R6R0A600110-1-2
26.Jun.2012 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Power Dissipation
When using at temperatures over Ta=25℃, please refer to the heat reducing characteristics shown in Fig.15.
The IC characteristics are closely related to the temperature at which the IC is used, so it is necessary to operate the IC
at temperatures less than the maximum junction temperature Tjmax.
Fig.15 shows the acceptable loss and heat reducing characteristics of the TO220CP-V5 package. Even when the ambient
temperature Ta is a normal temperature (25℃), the chip (junction) temperature Tj may be quite high so please operate the
IC at temperatures less than the acceptable loss Pd.
The calculation method for power consumption Pc(W) is as follows.
Pc=(Vcc-Vo)×Io+Vcc×Ib
Acceptable loss Pd≧Pc
Solving this for load current Io in order to operate within the acceptable loss,
(Please refer to Fig.9 for Ib.)
It is then possible to find the maximum load current IoMax with respect to the applied voltage Vcc at the time of thermal
design.
Calculation Example)
When Ta=85℃,Vcc=10V,Vo=5V
Please refer to the above information and keep thermal designs within the scope of acceptable loss for all operating
temperature ranges. The power consumption Pc of the IC when there is a short circuit (short between Vo and GND) is :
Pc=Vcc×(Ib+Ishort)
(Please refer to Fig.5 for Ishort.)
Io≦
Pd-Vcc×Ib
Vcc-Vo
With the IC alone :θja=62.5℃/W → -16mW/℃
25℃=2.0W → 85℃=1.04W
Vcc:
Vo:
Io:
Ib:
Ishort:
Input voltage
Output voltage
Load current
Circuit current
Short current
Io≦192mA (Ib:8mA)
Io≦
1.04-10×Ib
5
Fig.15
0
5
10
15
20
25
0
25
50
75
100
125
150
Ambient Temperature Ta(℃)
(1) 20.0
(2) 2.0
(1)When using a maximum heat sick : θjc=6.25(℃/W)
(2)When using an IC alone : θja=62.5(℃/W)


유사한 부품 번호 - BA3662CP-V5_12

제조업체부품명데이터시트상세설명
logo
Rohm
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
More results

유사한 설명 - BA3662CP-V5_12

제조업체부품명데이터시트상세설명
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com