전자부품 데이터시트 검색엔진 |
|
BA00GA3MEFJ-E2 데이터시트(PDF) 4 Page - Rohm |
|
BA00GA3MEFJ-E2 데이터시트(HTML) 4 Page - Rohm |
4 / 24 page 4/21 BDxxGA3MEFJ-M Datasheet TSZ02201-0R6R0AN00220-1-2 2012.8.31 Rev.001 © 2012 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 ●Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Limits Unit Power supply voltage VCC 15.0 * 1 V EN voltage VEN 15.0 V Power dissipation HTSOP-J8 Pd *2 2110 *2 mW Operating Temperature Range Topr -40 to +105 ℃ Storage Temperature Range Tstg -55 to +150 ℃ Junction Temperature Tjmax +150 ℃ *1 Not to exceed Pd *2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer) ●Recommended Operating Ratings (Ta=25℃) Parameter Symbol Min. Max. Unit Input power supply voltage VCC 4.5 14.0 V EN voltage VEN 0.0 14.0 V Output voltage setting range VO 1.5 13.0 V Output current IO 0.0 0.3 A ●Electrical Characteristics (Unless otherwise noted, EN=3V, Vcc=6V, R1=43kΩ, R2=8.2kΩ) Parameter Symbol Temp Min. Typ. Max. Unit Conditions 25℃ - 0 5 Circuit current at shutdown mode ISD -40~105℃ - - 5 μA VEN=0V, OFF mode 25℃ - 600 900 Bias current ICC -40~105℃ - - 1200 μA 25℃ - 25 50 Line regulation Reg.I -40~105℃ - - 50 mV VCC =( Vo+0.9V )→14.0V 25℃ - 25 75 Load regulation Reg IO -40~105℃ - - 75 mV IO=0→0.3A 25℃ - 0.6 0.9 Minimum dropout Voltage VCO -40~105℃ - - 1.2 V VCC=5V, IO=0.3A 25℃ 0.792 0.800 0.808 Output reference voltage (Variable type) VFB -40~105℃ 0.776 - 0.824 V IO=0mA 25℃ Vo×0.99 Vo Vo×1.01 Output voltage(Fixed type) VO -40~105℃ Vo×0.97 Vo Vo×1.03 V IO=0mA 25℃ 0 - 0.8 EN Low voltage VEN(Low) -40~105℃ 0 - 0.8 V 25℃ 2.4 - 14.0 EN High voltage VEN(High) -40~105℃ 2.4 - 14.0 V 25℃ 1 3 9 EN Bias current IEN -40~105℃ - - 9 µA |
유사한 부품 번호 - BA00GA3MEFJ-E2 |
|
유사한 설명 - BA00GA3MEFJ-E2 |