전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-J312-000E 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-J312-000E
상세설명  2.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J312-000E 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-J312-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage 
(VCC - VEE) 
15 
30 
Volts
Input Current (ON) 
HCPL-3120 
7 
HCPL-J312 
IF(ON)
16 
mA
HCNW3120 
10
Input Voltage (OFF) 
VF(OFF)
-3.6 
0.8 
V
Operating Temperature   
TA
-40 
100 
°C
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature 
TS
-55 
125 
°C
Operating Temperature 
TA
-40 
100 
°C
Average Input Current 
IF(AVG)
25 
mA 
1
Peak Transient Input Current 
IF(TRAN)
1.0 
A 
(<1 µs pulse width, 300 pps)
Reverse Input Voltage 
HCPL-3120 
VR
5 
Volts
HCPL-J312 
5 
HCNW3120
“High” Peak Output Current 
IOH(PEAK)
2.5 
A 
2
“Low” Peak Output Current 
IOL(PEAK)
2.5 
A 
2
Supply Voltage 
(VCC - VEE) 
0 
35 
Volts
Input Current (Rise/Fall Time) 
tr(IN) /tf(IN) 
500 
ns
Output Voltage 
VO(PEAK)
0 
VCC
Volts
Output Power Dissipation 
PO
250 
mW 
3
Total Power Dissipation 
PT
295 
mW 
4
Lead Solder Temperature 
HCPL-3120 
      260°C for 10 sec., 1.6 mm below seating plane 
HCPL-J312
HCNW3120 
          260°C for 10 sec., up to seating plane
Solder Reflow Temperature Profile 
     
          See Package Outline Drawings section


유사한 부품 번호 - HCPL-J312-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

유사한 설명 - HCPL-J312-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com