전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA1L0380B-YDTU 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA1L0380B-YDTU
상세설명  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1L0380B-YDTU 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA1L0380B-YDTU Datasheet HTML 1Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 2Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 3Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. .5.0
Features
• Precision fixed operating frequency
KA1L0380B/KA1L0380RB (50KHz)
KA1M0380RB (67KHz)
KA1H0380RB (100KHz)
• Pulse by pulse over current limiting
• Over load protection
• Over voltage protection (Min. 23V)
• Internal thermal shutdown function
• Under voltage lockout
• Internal high voltage sense FET
•Auto restart (KA1L0380RB/KA1M0380RB/KA1H0380RB)
Description
The SPS product family is specially designed for an off-line
SMPS with minimal external components. The SPS consist of
high voltage power SenseFET and current mode PWM control-
ler IC. PWM controller features integrated fixed oscillator,
under voltage lock out, leading edge blanking, optimized gate
turn-on/turn-off driver, thermal shut down protection, over volt-
age protection, temperature compensated precision current
sources for loop compensation and fault protection circuit.
Compared to discrete MOSFET and controller or RCC switch-
ing converter solution, a SPS can reduce total component count,
design size, weight and at the same time increase & efficiency,
productivity, and system reliability. It has a basic platform well
suited for cost effective design in either a flyback converter or a
forward converter.
TO-220F-4L
1. GND 2. DRAIN 3. VCC 4. FB
1
Internal Block Diagram
#3 VCC
32V
5
µA
9V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
25V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
#2 DRAIN
#1 GND
#4 FB
KA1L0380B/KA1L0380RB/KA1M0380RB/
KA1H0380RB
Fairchild Power Switch(SPS)


유사한 부품 번호 - KA1L0380B-YDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1L0365R FAIRCHILD-KA1L0365R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1L0365R-TU FAIRCHILD-KA1L0365R-TU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1L0365R-YDTU FAIRCHILD-KA1L0365R-YDTU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - KA1L0380B-YDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com