전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA1M0265R-YDTU 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA1M0265R-YDTU
상세설명  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0265R-YDTU 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA1M0265R-YDTU Datasheet HTML 1Page - Fairchild Semiconductor KA1M0265R-YDTU Datasheet HTML 2Page - Fairchild Semiconductor KA1M0265R-YDTU Datasheet HTML 3Page - Fairchild Semiconductor KA1M0265R-YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA1M0265R-YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA1M0265R-YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA1M0265R-YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA1M0265R-YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA1M0265R-YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KA1M0265R/KA1H0265R
3
Electrical Characteristics (SFET part)
(Ta=25
°C unless otherwise specified)
Note:
1. Pulse test: Pulse width
≤ 300µS, duty cycle ≤ 2%
2.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50
µA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=Max., Rating,
VGS=0V
--
50
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125
°C
-
-
200
µA
Static Drain-Source on Resistance (Note)
RDS(ON)
VGS=10V, ID=1.0A
-
5.0
6.0
Forward Transconductance (Note)
gfs
VDS=50V, ID=1.0A
1.5
2.5
-
S
Input Capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
550
-
pF
Output Capacitance
Coss
-
38
-
Reverse Transfer Capacitance
Crss
-
17
-
Turn on Delay Time
td(on)
VDD=0.5BVDSS, ID=2.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
-20-
nS
Rise Time
tr
-
15
-
Turn Off Delay Time
td(off)
-55-
Fall Time
tf
-
25
-
Total Gate Charge
(Gate-Source+Gate-Drain)
Qg
VGS=10V, ID=2.0A,
VDS=0.5BVDSS (MOSFET
switching time are
essentially independent of
operating temperature)
--
35
nC
Gate-Source Charge
Qgs
-
3
-
Gate Drain (Miller) Charge
Qgd
-12-
S
1
R
----
=


유사한 부품 번호 - KA1M0265R-YDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0280 FAIRCHILD-KA1M0280 Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0280R FAIRCHILD-KA1M0280R Datasheet
99Kb / 8P
   SPS
KA1M0280RB FAIRCHILD-KA1M0280RB Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0280RB-TU FAIRCHILD-KA1M0280RB-TU Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0280RB-YDTU FAIRCHILD-KA1M0280RB-YDTU Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - KA1M0265R-YDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com