전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDDFN2-T50C 데이터시트(PDF) 1 Page - Bourns Electronic Solutions

부품명 CDDFN2-T50C
상세설명  CDDFN2 TxxC Series Surface Mount TVS Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN2-T50C 데이터시트(HTML) 1 Page - Bourns Electronic Solutions

  CDDFN2-T50C Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN2-T50C Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN2-T50C Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN2-T50C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Bidirectional TVS
Low capacitance - 12 pF
ESD protection >15 kV
Fits 0402 footprint
Applications
Computers and peripherals
Communication systems
Audio & video equipment
Portable instrumentation
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
CDDFN2-TxxC Series - Surface Mount TVS Diode
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Parameter
Symbol
CDDFN2-
Unit
5.0C
12C
24C
Peak Pulse Power @ 8/20
µsPpk
75
25
47
W
Peak Pulse Current @ 8/20
µsIpp
511
A
Operating Temperature
TOPR
-40 to +125
ºC
Storage Temperature
TSTG
-55 to +150
ºC
General Information
The CDDFN2-TxxC Series provides ESD and EFT protection for external ports of electronic devices
such as cellular phones, hand held electronics and other portable electronic devices.
The device measures 1.05 mm x 0.65 mm and is available in a DFN-2 package and is intended to be
mounted directly onto an FR4 printed circuit board. The device will fit an 0402 footprint.
The device is designed to meet IEC 61000-4-2(ESD) and IEC 61000-4-4(EFT) protection requirements.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CDDFN2-
Unit
5.0C
12C
24C
Maximum Working Peak Voltage
Vwm
5.0
12
24
V
Minimum Breakdown Voltage @ 1 mA
VBR
6.0
13
25
V
Maximum Leakage Current @ Vwm
IL
2.0
µA
Typical Capacitance @ 0 V 1 MHz
CJ
15
12
10
pF
Maximum Capacitance @ 0 V 1 MHz
CJ
20
pF
Maximum Clamping Voltage @ Ipp 8/20
µsVc
15
25
47
V
ESD Protection per IEC 61000-4-2
Minimum Contact Discharge
Minimum Air Discharge
ESD
ESD
8
15
kV
kV
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


유사한 부품 번호 - CDDFN2-T50C

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CDDFN2-T5-0LC BOURNS-CDDFN2-T5-0LC Datasheet
162Kb / 5P
   CDDFN2-T5.0LC - Surface Mount TVS Diode
REV. 09/19
CDDFN2-T5.0C BOURNS-CDDFN2-T5.0C Datasheet
268Kb / 4P
   CDDFN2-TxxC Series - Surface Mount TVS Diode
CDDFN2-T5.0C BOURNS-CDDFN2-T5.0C Datasheet
263Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
logo
Shanghai Leiditech Elec...
CDDFN2-T5.0LC LEIDITECH-CDDFN2-T5.0LC Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
More results

유사한 설명 - CDDFN2-T50C

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CDDFN2-T12C BOURNS-CDDFN2-T12C Datasheet
268Kb / 4P
   CDDFN2-TxxC Series - Surface Mount TVS Diode
CDDFN2-T24C BOURNS-CDDFN2-T24C Datasheet
263Kb / 4P
   CDDFN2-TxxC Series - Surface Mount TVS Diode
CDDFN2-T33LC BOURNS-CDDFN2-T33LC Datasheet
280Kb / 4P
   CDDFN2-T3.3LC - Surface Mount TVS Diode
CDDFN2-T-33B BOURNS-CDDFN2-T-33B Datasheet
190Kb / 5P
   CDDFN2-T3.3B - Surface Mount TVS Diode
REV. 09/19
CDDFN2-T5-0LC BOURNS-CDDFN2-T5-0LC Datasheet
162Kb / 5P
   CDDFN2-T5.0LC - Surface Mount TVS Diode
REV. 09/19
CD0402-T3.3C BOURNS-CD0402-T3.3C Datasheet
330Kb / 4P
   CD0402-TxxC - TVS Diode Array Series
CDSOD323-T03C BOURNS-CDSOD323-T03C Datasheet
322Kb / 4P
   CDSOD323-TxxC - TVS Diode Array Series
CDSOD323-TXXC BOURNS-CDSOD323-TXXC Datasheet
192Kb / 5P
   CDSOD323-TxxC - TVS Diode Array Series
REV. 09/19
CD0603 BOURNS-CD0603_13 Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
CD0603 BOURNS-CD0603_15 Datasheet
264Kb / 4P
   Surface Mount TVS Diode Series
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com