전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3022D3 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 KA3022D3
상세설명  4-Channel Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3022D3 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3022D3 Datasheet HTML 4Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 5Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 6Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 7Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 8Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 9Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 10Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 11Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
KA3022D/KA3022D3
11
Typical Application Circuits
12V
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
KA3022D/KA3022D3
SERVO
AMP
FOCUS
TRACKING
SLED
FORWARD
REVERSE
CONTROL
(TRAY)
4CH MUTE
SLED MOTOR
TRAY MOTOR
12V
5V
FOCUS
ACTUATOR
TRACKING
ACTUATOR
DO1
DO1+
IN1
IN1.1
OPIN+
OPIN
MUTE4
GND
OPTPUT
VCC2
NC
DO2+
DO2
GND
GND
DO4
DO4+
IN4
IN4.1
REF
VCC1
VCC3
IN3
CTL
DO3+
DO3
FWD
REV
REF(typically 1.675V)
IN4.1
IN3


유사한 부품 번호 - KA3022D3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
KA3021DTF FAIRCHILD-KA3021DTF Datasheet
194Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
KA3027D2TF FAIRCHILD-KA3027D2TF Datasheet
282Kb / 14P
   4-Channel Motor Driver
More results

유사한 설명 - KA3022D3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com