전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3030 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 KA3030
상세설명  6-Channel Motor Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3030 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button KA3030 Datasheet HTML 2Page - Fairchild Semiconductor KA3030 Datasheet HTML 3Page - Fairchild Semiconductor KA3030 Datasheet HTML 4Page - Fairchild Semiconductor KA3030 Datasheet HTML 5Page - Fairchild Semiconductor KA3030 Datasheet HTML 6Page - Fairchild Semiconductor KA3030 Datasheet HTML 7Page - Fairchild Semiconductor KA3030 Datasheet HTML 8Page - Fairchild Semiconductor KA3030 Datasheet HTML 9Page - Fairchild Semiconductor KA3030 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
KA3030D
6
Absolute Maximum Ratings (Ta = 25
°°°°C)
NOTE:
1.
When mounted on 76mm
×114mm ×1.57mm PCB (Phenolic resin material).
2. Power dissipation reduces 13.6mW /
°C for using above Ta=25°C
3.
Do not exceed Pd and SOA.
Power Dissipation Curve
Recommended Operating Condition (Ta = 25
°°°°C)
NOTE:
VCC1 (pin 22)
≤ VCC2 (pin 9)
VCC1 (pin 22) must not exceed VCC2 (pin 9)
Parameter
Symbol
Value
Unit
Maximum supply voltage
VCCMAX
18
V
Power dissipation
PD
1700 note
mW
Maximum output current
IOMAX
1A
Operating temperature
TOPR
−25 ~ 75
°C
Storage temperature
TSTG
−55 ~ 150
°C
Parameter
Symbol
Value
Unit
Operating supply voltage note
VCC
4.5 ~ 13.2
V
3,000
2,000
1,000
0
0
25
50
75
100
125
150
175
Pd (mW)
Ambient temperature, Ta [
°C]


유사한 부품 번호 - KA3030

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA3037 FAIRCHILD-KA3037 Datasheet
385Kb / 23P
   7-CH Motor Driver
KA3038 FAIRCHILD-KA3038 Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
More results

유사한 설명 - KA3030

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
FAN8038C FAIRCHILD-FAN8038C Datasheet
405Kb / 16P
   4-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Fairchild Semiconductor
KA7405D FAIRCHILD-KA7405D Datasheet
182Kb / 12P
   2-Channel DC Motor Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com