전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3030 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA3030
상세설명  6-Channel Motor Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3030 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA3030 Datasheet HTML 1Page - Fairchild Semiconductor KA3030 Datasheet HTML 2Page - Fairchild Semiconductor KA3030 Datasheet HTML 3Page - Fairchild Semiconductor KA3030 Datasheet HTML 4Page - Fairchild Semiconductor KA3030 Datasheet HTML 5Page - Fairchild Semiconductor KA3030 Datasheet HTML 6Page - Fairchild Semiconductor KA3030 Datasheet HTML 7Page - Fairchild Semiconductor KA3030 Datasheet HTML 8Page - Fairchild Semiconductor KA3030 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 1.0.1
February. 2000.
1
Features
• Wide operating supply voltage range: 4.5V ~ 13.2V
• Built in TSD (Thermal shutdown) circuit
• Built in protection circuit for under or high voltage
• Built in mute circuit
• Built in speed control circuit
• Built in level shift (V-I converter)
Description
The KA3030D is a monolithic integrated circuit, suitable for
a 6-ch motor drivers which drive focus actuator, tracking
actuator, sled motor, spindle motor, loading motor and
changer of CD system.
28-SSOPH-375
Typical Application
• Compact disk player (CDP)
• Video compact disk player (VCD)
• Automotive compact disk player (CDP)
Ordering Information
Device
Package
Operating Temp.
KA3030D
28-SSOPH-375
−25°C ~ +75°C
KA3030DTF
28-SSOPH-375
−25°C ~ +75°C
KA3030D
6-Channel Motor Drive IC


유사한 부품 번호 - KA3030

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA3037 FAIRCHILD-KA3037 Datasheet
385Kb / 23P
   7-CH Motor Driver
KA3038 FAIRCHILD-KA3038 Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
More results

유사한 설명 - KA3030

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
FAN8038C FAIRCHILD-FAN8038C Datasheet
405Kb / 16P
   4-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Fairchild Semiconductor
KA7405D FAIRCHILD-KA7405D Datasheet
182Kb / 12P
   2-Channel DC Motor Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com