전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3080C 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA3080C
상세설명  3-Phase BLDC Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3080C 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA3080C Datasheet HTML 1Page - Fairchild Semiconductor KA3080C Datasheet HTML 2Page - Fairchild Semiconductor KA3080C Datasheet HTML 3Page - Fairchild Semiconductor KA3080C Datasheet HTML 4Page - Fairchild Semiconductor KA3080C Datasheet HTML 5Page - Fairchild Semiconductor KA3080C Datasheet HTML 6Page - Fairchild Semiconductor KA3080C Datasheet HTML 7Page - Fairchild Semiconductor KA3080C Datasheet HTML 8Page - Fairchild Semiconductor KA3080C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
KA3080/KA3080D/KA3080DM
3
Pin Definitions (32-SDIPH) (Continued)
Pin Assignments (28-SSOPH)
Pin Definitions (28-SSOPH)
Pine Number
Pin Name
I/O
Pin Function Description
27
FGIN1
I
FG Amp. Input1
28
FGIN2
I
FG Amp. Input2
29
FGOUT1
O
FG Amp. Output
30
FGOUT2
O
FG Comp. Output
31
TRCTL
I
Troque Ripple Control
32
F/RCTL
I
Forward & Reverse Control
Pine Number
Pin Name
I/O
Pin Function Description
1VCC2
-
Supply Voltage (Power)
2VCC1
-
Supply Voltage (Signal)
3
CI
-
Phase Stabilization
4ILIM
I
Current Limitation
5VCTL
I
Voltage Control
6VREF
I
Voltage Control Reference
7
NC
-
No Connection
8
GND
-
Ground (Signal)
9FGIN1
I
FG Amp. Input 1
10
FGIN2
I
FG Amp. Input 2
11
FGOUT1
O
FG Amp. Output
12
FGOUT2
O
FG Comp. Output
13
TRCTL
I
Torque Ripple Control
14
FRCTL
I
Forward & Reverse Control
15
U+
I
U+ Hall Signal Input
KA3080D
FIN
FIN
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1


유사한 부품 번호 - KA3080C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082B FAIRCHILD-KA3082B Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
KA3082N FAIRCHILD-KA3082N Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
KA3084 FAIRCHILD-KA3084 Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
More results

유사한 설명 - KA3080C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com