전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3080C 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KA3080C
상세설명  3-Phase BLDC Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3080C 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KA3080C Datasheet HTML 1Page - Fairchild Semiconductor KA3080C Datasheet HTML 2Page - Fairchild Semiconductor KA3080C Datasheet HTML 3Page - Fairchild Semiconductor KA3080C Datasheet HTML 4Page - Fairchild Semiconductor KA3080C Datasheet HTML 5Page - Fairchild Semiconductor KA3080C Datasheet HTML 6Page - Fairchild Semiconductor KA3080C Datasheet HTML 7Page - Fairchild Semiconductor KA3080C Datasheet HTML 8Page - Fairchild Semiconductor KA3080C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
KA3080/KA3080D/KA3080DM
4
Pin Definitions (28-SSOPH) (Continued)
Internal Block Diagram (32-SDIPH)
Pine Number
Pin Name
I/O
Pin Function Description
16
U-
I
U- Hall Signal Input
17
V+
I
V+ Hall Signal Input
18
V-
I
V- Hall Signal Input
19
W+
I
W+ Hall Signal Input
20
W-
I
W- Hall Signal Input
21
GND
-
Ground (Signal)
22
RS
O
Output Current Detection
23
NC
-
No Connection
24
NC
-
No Connection
25
GOUT
-
Ground (Power)
26
UOUT
OU Out
27
VOUT
OV Out
28
WOUT
OW Out
32
31
30
29
28
27
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
CW & CCW
TSD
LOGIC
+
+
+
+
++
+
+
−−
+
1.25V
2.5V
26
25


유사한 부품 번호 - KA3080C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082B FAIRCHILD-KA3082B Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
KA3082N FAIRCHILD-KA3082N Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
KA3084 FAIRCHILD-KA3084 Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
More results

유사한 설명 - KA3080C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com