전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA319 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KA319
상세설명  Dual Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA319 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KA319 Datasheet HTML 1Page - Fairchild Semiconductor KA319 Datasheet HTML 2Page - Fairchild Semiconductor KA319 Datasheet HTML 3Page - Fairchild Semiconductor KA319 Datasheet HTML 4Page - Fairchild Semiconductor KA319 Datasheet HTML 5Page - Fairchild Semiconductor KA319 Datasheet HTML 6Page - Fairchild Semiconductor KA319 Datasheet HTML 7Page - Fairchild Semiconductor KA319 Datasheet HTML 8Page - Fairchild Semiconductor KA319 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KA319
2
Schematic Diagram
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
36
V
Output to Negative Supply Voltage
VO - VEE
36
V
Ground to Negative Supply Voltage
VEE
25
V
Ground to Positive Supply Voltage
VCC
18
V
Differential Input Voltage
VI(DIFF)
5V
Input Voltage
VI
±15
V
Output Short Circuit Duration
-
10
sec
Power Dissipation
PD
500
mW
Operating Temperature Range KA319
TOPR
0 ~ + 70
°C
Storage Temperature Range
TSTG
-65 ~ + 150
°C


유사한 부품 번호 - KA319

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA319 FAIRCHILD-KA319_12 Datasheet
173Kb / 8P
   Dual Comparator
More results

유사한 설명 - KA319

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com