전자부품 데이터시트 검색엔진 |
|
BAS116-AU_B0_10001 데이터시트(PDF) 2 Page - Pan Jit International Inc. |
|
BAS116-AU_B0_10001 데이터시트(HTML) 2 Page - Pan Jit International Inc. |
2 / 5 page PAGE . 2 STAD-DEC.07.2007 Fig. 1-Reverse Leakage vs. Junction Temperature Fig. 3- Total capacitance vs. Reverse Voltage Fig. 2-Forward Current vs. Forward Voltage Tj, Junction Temperature (Deg C) V , Forward Voltage (V) F V , Reverse Voltage ( V) R 0 0.001 0.01 0.1 1.0 10 50 100 150 200 V =75V R T =-25 C A O T=25 C A O T=125 C A O 0.2 0.1 1.0 10 100 1000 0.4 0.6 0.8 1.0 1.2 T=75 C A O CHARACTERISTIC CURVES (each diode) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 20406080 100 ELECTRICAL CHARACTERISTICS (each diode) (TA=25OC, unless otherwise noted) s V F s R E T E M A R A Pl o b m y Sn o it i d n o C t s e T. N I M. P Y T. X A M ti n U e g a tl o V n w o d k a e r B e s r e v e RV (BR) IR 0 0 1 =uA 7 t n e r r u C e s r e v e RI R V R 5 7 =V V R 5 7 =T , V J 0 5 1 = O C 2 0 0 . 0 0 . 8 5 0 8 A n e g a tl o V d r a w r o FV F IF 1 =mA IF 0 1 =mA IF 0 5 =mA IF 0 5 1 =mA 9 . 0 0 . 1 1 . 1 5 2 . 1 V e c n a ti c a p a C l a t o TC J V R 0 =, Vf H M 1 = Z 0 . 2 p e m i T y r e v o c e R e s r e v e Rt r r IF I = R 0 1 =m , ARL 0 0 1 = Ω 0 . 3 u 5 - - - - - - - - - - - - - - - - BAS116-AU/BAW156-AU/BAV170-AU/BAV199-AU |
유사한 부품 번호 - BAS116-AU_B0_10001 |
|
유사한 설명 - BAS116-AU_B0_10001 |