전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54-AU_S0_10001 데이터시트(PDF) 4 Page - Pan Jit International Inc.

부품명 BAT54-AU_S0_10001
상세설명  SURFACE MOUNT SCHOTTKY BARRIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54-AU_S0_10001 데이터시트(HTML) 4 Page - Pan Jit International Inc.

  BAT54-AU_S0_10001 Datasheet HTML 1Page - Pan Jit International Inc. BAT54-AU_S0_10001 Datasheet HTML 2Page - Pan Jit International Inc. BAT54-AU_S0_10001 Datasheet HTML 3Page - Pan Jit International Inc. BAT54-AU_S0_10001 Datasheet HTML 4Page - Pan Jit International Inc. BAT54-AU_S0_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
May 20,2011-REV.04
Part No_packing code_Version
BAT54-AU_R1_000A1
For example :
RB500V-40_R2_00001
BAT54-AU_R2_000A1
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
BAT54
SERIES


유사한 부품 번호 - BAT54-AU_S0_10001

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT54-AU PANJIT-BAT54-AU_16 Datasheet
139Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54-AU PANJIT-BAT54-AU_17 Datasheet
195Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54-AU_R1_000A1 PANJIT-BAT54-AU_R1_000A1 Datasheet
139Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54-AU_R1_000A1 PANJIT-BAT54-AU_R1_000A1 Datasheet
195Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54-AU_R2_000A1 PANJIT-BAT54-AU_R2_000A1 Datasheet
139Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

유사한 설명 - BAT54-AU_S0_10001

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com