전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3504 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA3504
상세설명  PC SMPS Supervisory IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3504 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA3504 Datasheet HTML 1Page - Fairchild Semiconductor KA3504 Datasheet HTML 2Page - Fairchild Semiconductor KA3504 Datasheet HTML 3Page - Fairchild Semiconductor KA3504 Datasheet HTML 4Page - Fairchild Semiconductor KA3504 Datasheet HTML 5Page - Fairchild Semiconductor KA3504 Datasheet HTML 6Page - Fairchild Semiconductor KA3504 Datasheet HTML 7Page - Fairchild Semiconductor KA3504 Datasheet HTML 8Page - Fairchild Semiconductor KA3504 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• PC Power Supply Output Monitor Circuitry
• Few External Components
• Over Voltage Protection for 3.3V/5V/12V Output
• Over Current Protection for 3.3V/5V/12V Output With
Delay Time
• Fault Protection Output With Open Collector Output
• Power Supply on/off Delay Time Control (PSON)
• Power Good Signal Generator With Hysteresis
• Open Collector PG Output
• 300ms Power Good Delay
• Current Sense Setting Function With RI
• Latch Function Controlled by PSON and Protection Input
• 16-Pin Dual In-line Package
FPO (Fault Protection Output)
Fault Protection Output indicates the fault condition as
protection signal. When fault state occurs, the main power is
to be turned-off and the PGO signal goes LOW.
NORMAL = "LOW", FAULT = "HIGH"
PGO (Power Good Output)
Power Good Signal Generator is to monitor the voltage level
of power supply for safe operation of a microprocessor
having some delay time at turn-on. The delay time is
prorammed by a timing capacitor connected to TPG pin of
KA3504. The power good output should be low state before
the output voltage is out of regulation at turn-off.
NORMAL = "HIGH", FAULT = "LOW"
Description
The KA3504 is complete output supervisory circuitry
intended for use in the secondary side of the switched mode
power supply. It provides all the functions necessary to
monitor and control the output of the power supply system.
Power good signal generator, Remote on and off control,
some precision protection features against over-voltage and
over-current are implemented. It directly senses all the
output rails for OVP without any external dividers. As for
output control, power good output (PGO) and Fault
Protection output (FPO) are also included. Utilizing a
minimum number of external components, the KA3504
offers a simple and cost effective solution, greatly reducing
PCB board space for power supply system.
OCP (Over Current Protection)
It has precision OCP functions for +3.3V, +5V, +12V
outputs. The block is made up of three comparators with
current source setting function. Two inputs of each OCP
comparator are connected to both sides of output inductor
that is located in the secondary output of SMPS.
OVP (Over Voltage Protection)
It has OVP functions for +3.3V, +5V, +12V outputs.
The circuit is made up of a comparator with three detecting
inputs.
Remote ON/OFF
Remote on/off section is used to control SMPS externally.
If a high signal is supplied to the remote on/off input, FPO
signal becomes a high state and all secondary outputs are
grounded. The remote on/off signal is transferred with some
on-delay and off-delay time of 8ms, 24ms respectively with
0.1
µF external capacitor.
KA3504
PC SMPS Supervisory IC
16-DIP
1


유사한 부품 번호 - KA3504

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

유사한 설명 - KA3504

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com