전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD00IA5WEFJ-E2 데이터시트(PDF) 9 Page - Rohm

부품명 BD00IA5WEFJ-E2
상세설명  500mA Variable Fixed Output LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD00IA5WEFJ-E2 데이터시트(HTML) 9 Page - Rohm

Back Button BD00IA5WEFJ-E2 Datasheet HTML 5Page - Rohm BD00IA5WEFJ-E2 Datasheet HTML 6Page - Rohm BD00IA5WEFJ-E2 Datasheet HTML 7Page - Rohm BD00IA5WEFJ-E2 Datasheet HTML 8Page - Rohm BD00IA5WEFJ-E2 Datasheet HTML 9Page - Rohm BD00IA5WEFJ-E2 Datasheet HTML 10Page - Rohm BD00IA5WEFJ-E2 Datasheet HTML 11Page - Rohm BD00IA5WEFJ-E2 Datasheet HTML 12Page - Rohm BD00IA5WEFJ-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/19
BDxxIA5WEFJ
Datasheet
TSZ02201-0R6R0A600440-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
Fig.16
TSD (IO=0mA)
Fig.17
OCP
Fig.18
Minimum dropout Voltage 1
(VCC=3.3V, IO=-0.5A)
Fig.15
VCC-VO (IO=0mA)
VCC[V]
Ta[℃]
Ta[℃]
IO[A]


유사한 부품 번호 - BD00IA5WEFJ-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BD00IA5WEFJ-E2 ROHM-BD00IA5WEFJ-E2 Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IA5WEFJ-E2 ROHM-BD00IA5WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IA5WEFJ-E2 ROHM-BD00IA5WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IA5WEFJ-E2 ROHM-BD00IA5WEFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IA5WEFJ-E2 ROHM-BD00IA5WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results

유사한 설명 - BD00IA5WEFJ-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com