전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3442 데이터시트(PDF) 2 Page - Comset Semiconductor

부품명 2N3442
상세설명  HIGH POWER INDUSTRIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3442 데이터시트(HTML) 2 Page - Comset Semiconductor

  2N3442_12 Datasheet HTML 1Page - Comset Semiconductor 2N3442_12 Datasheet HTML 2Page - Comset Semiconductor 2N3442_12 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N3442 – 2N4347
05/11/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (*)
IC=200 mA, IB=0
2N4347
120
-
-
V
2N3442
140
-
-
ICEO
Collector-Emitter
Current
VCE=100 V, IB=0
2N4347
-
-
200
mA
VCE=140 V, IB=0
2N3442
200
ICEX
Collector Cutoff
Current
VCE=125 V, VEB(off)=1.5 V
2N4347
-
-
2.0
mA
VCE=120 V, VEB(off)=1.5 V
TC = 150°C
10
VCE=140 V, VEB(off)=1.5 V
2N3442
-
-
5.0
VCE=140 V, VEB(off)=1.5 V
TC = 150°C
-
-
30
IEBO
Emitter Cutoff Current
VBE=7 V, IC=0
2N4347
-
-
5.0
mA
2N3442
hFE
DC Current Gain
IC=2 A, VCE=4.0 V
2N4347
15
-
60
-
IC=5 A, VCE=4 V
10
-
-
IC=3 A, VCE=4 V
2N3442
20
-
70
IC=10 A, VCE=4 V
7.5
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage
IC=2 A, IB=200 mA
2N4347
-
-
1.0
V
IC=5 A, IB=630 mA
-
-
2.0
IC=10 A, IB=200 mA
2N3442
-
-
5.0
VBE(on)
Base-Emitter Voltage
IC=2 A, VCE=4 V
2N4347
-
-
2.0
V
IC=5 A, VCE=4 V
-
-
3.0
IC=10 A, VCE=4 V
2N3442
-
-
5.7
hfe
Small Signal Current
Gain
VCE=4 V, IC=500 mA
f=1 kHz
2N4347
40
-
-
-
VCE=4 V, IC=2A
f=1 kHz
2N3442
12
-
72
VCER(SUS)
Collector-Emitter
Sustaining Voltage
RBE=100Ω
IC=100 mA
2N4347
130
-
-
V
IC=200 mA
-
-
-
IC=100 mA
2N3442
-
-
-
IC=200 mA
150
-
-
fT
Current Gain –
Bandwith Product
VCE=4 V, IC=500 mA
ftest = 50 kHz
2N4347
200
-
-
kHz
VCE=4 V, IC=500 mA ftest
= 50 kHz
2N3442
80
-
-
Is/b
Second Breakdown
Collector Current
VCE=67 V, IC=1.5 A
2N4347
1.0
-
-
s
VCE=78 V, IC=1.5 A
2N3442
1.0
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


유사한 부품 번호 - 2N3442_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N3442G ONSEMI-2N3442G Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
More results

유사한 설명 - 2N3442_12

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2N3442 ETC2-2N3442 Datasheet
188Kb / 3P
   HIGH POWER INDUSTRIAL TRANSISTORS
logo
Comset Semiconductor
2N3442 COMSET-2N3442 Datasheet
203Kb / 3P
   HIGH POWER INDUSTRIAL TRANSISTORS
logo
Boca Semiconductor Corp...
2N3442 BOCA-2N3442 Datasheet
141Kb / 3P
   HIGH-POWER INDUSTRIAL TRANSISTORS
logo
ON Semiconductor
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
logo
Unisonic Technologies
TIP35C UTC-TIP35C_15 Datasheet
143Kb / 4P
   HIGH POWER TRANSISTORS
logo
Continental Device Indi...
TIP33 CDIL-TIP33 Datasheet
337Kb / 4P
   HIGH POWER TRANSISTORS
logo
Unisonic Technologies
TIP36C UTC-TIP36C_15 Datasheet
176Kb / 4P
   HIGH POWER TRANSISTORS
TIP36C UTC-TIP36C Datasheet
93Kb / 2P
   HIGH POWER TRANSISTORS
TIP35C UTC-TIP35C Datasheet
93Kb / 2P
   HIGH POWER TRANSISTORS
logo
ams AG
EGA2000-850-W AMSCO-EGA2000-850-W Datasheet
1Mb / 24P
   Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com