전자부품 데이터시트 검색엔진 |
|
BD18IC0WHFV-GTR 데이터시트(PDF) 1 Page - Rohm |
|
BD18IC0WHFV-GTR 데이터시트(HTML) 1 Page - Rohm |
1 / 26 page ○Product structure:Silicon monolithic integrated circuit ○This product is not designed with protection against radioactive rays. 1/23 Datasheet TSZ02201-0R6R0A600430-1-2 © 2012 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・14・001 21.Dec.2012 Rev.002 1A Variable / Fixed Output LDO Regulators BDxxIC0WEFJ / BDxxIC0WHFV ●General Description BDxxIC0W series devices are LDO regulators with an output current of 1.0A. The output accuracy is ±1% of the output voltage. Both fixed and variable output voltage devices are available. The output voltage of the variable output voltage device can be varied from 0.8 to 4.5V using external resistors. Various fixed output voltage devices that do not use external resistors are also available. These LDO regulators are available in two package types: HTSOP-J8 (4.90mm x 6.00mm x 1.00mm) and HVSOF6 (1.60mm x 3.00mm x 0.75mm), and can be used in a wide variety of digital appliances. These devices have built in over current protection to protect the device when output is shorted, 0µA shutdown mode and thermal shutdown circuit to protect the device during over load conditions. These LDO regulators are usable with ceramic capacitors that enable a smaller layout and longer life. ●Features +/-1% output voltage accuracy Built-in Over Current Protection circuit (OCP) Built-in Thermal Shut Down circuit (TSD) Zero µA Shutdown mode ●Key Specifications ■ Input Power Supply Voltage range: 2.4V to 5.5V ■ Output Voltage range(Variable type): 0.8V to 4.5V ■ Output Voltage(Fixed type): 1.0V/1.2V/1.25V/1.5V 1.8V/2.5V/2.6V/3.0V/3.3V (1.25V/2.6V:HVSOF6 only) ■ Output Current: 1.0A (Max.) ■ Shutdown Current: 0 µA (Typ.) ■ Operating Temperature Range: -25 to +85℃ ●Typical Application Circuit ●Package (Typ.) (Typ.) (Max.) HTSOP-J8 4.90mm x 6.00mm x 1.00mm HVSOF6 1.60mm x 3.00mm x 0.75mm HTSOP-J8 HVSOF6 R1 VO VCC EN GND FIN R2 FB COUT CIN CIN,COUT : Ceramic Capacitor Output voltage variable type VO VCC EN GND FIN VO_S COUT CIN CIN,COUT : Ceramic Capacitor Output voltage fixed type |
유사한 부품 번호 - BD18IC0WHFV-GTR |
|
유사한 설명 - BD18IC0WHFV-GTR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |